Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M49000000Q Datasheet(PDF) 57 Page - Advanced Micro Devices

Part # M49000000Q
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M49000000Q Datasheet(HTML) 57 Page - Advanced Micro Devices

Back Button M49000000Q Datasheet HTML 53Page - Advanced Micro Devices M49000000Q Datasheet HTML 54Page - Advanced Micro Devices M49000000Q Datasheet HTML 55Page - Advanced Micro Devices M49000000Q Datasheet HTML 56Page - Advanced Micro Devices M49000000Q Datasheet HTML 57Page - Advanced Micro Devices M49000000Q Datasheet HTML 58Page - Advanced Micro Devices M49000000Q Datasheet HTML 59Page - Advanced Micro Devices M49000000Q Datasheet HTML 60Page - Advanced Micro Devices M49000000Q Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
56
Am49DL32xBG
July 19, 2002
P R E L I M I NARY
pSRAM AC CHARACTERISTICS
Write Cycle
Notes:
1. If the device is using the I/Os to output data, input signals of reverse polarity must not be applied.
2. If OE# is high during the write cycle, the outputs will remain at high impedance.
3. If CE#1s, LB# or UB# goes low at the same time or after WE# goes low, the outputs will remain at high impedance.
4. If CE#1s, LB# or UB# goes high at the same time or before WE# goes high, the outputs will remain at high impedance.
Figure 30.
Pseudo SRAM Write Cycle—WE# Control
Parameter
Symbol
Description
Speed
Unit
70
85
t
WC
Write Cycle Time
Min
70
85
ns
t
WP
Write Pulse Time
Min
50
60
ns
t
CW
Chip Enable to End of Write
Min
60
70
ns
t
BW
Data Byte Control to End of Write
Min
60
70
ns
t
AS
Address Setup Time
Min
0
ns
t
WR
Write Recovery Time
Min
0
ns
t
ODW
WE# Low to Write to Output High-Z
Max
20
ns
t
OEW
WE# High to Write to Output Active
Min
0
ns
t
DS
Data Set-up Time
Min
30
t
DH
Data Hold from Write Time
Min
0
ns
t
CH
CE2 Hold Time
Min
300
µs
tWC
tWP
tWR
tCW
tBW
Valid Data In
tAS
tCH
tOEW
Addresses
A0 to A20
WE#
CE#1
CE2
LB#, UB#
DIN
I/O1 to 16
DOUT
I/O1 to 16
tODW
tDS
tDH
High-Z
(Note 1)
(Note 3)
(Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com