Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M49000000Q Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # M49000000Q
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

M49000000Q Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button M49000000Q Datasheet HTML 11Page - Advanced Micro Devices M49000000Q Datasheet HTML 12Page - Advanced Micro Devices M49000000Q Datasheet HTML 13Page - Advanced Micro Devices M49000000Q Datasheet HTML 14Page - Advanced Micro Devices M49000000Q Datasheet HTML 15Page - Advanced Micro Devices M49000000Q Datasheet HTML 16Page - Advanced Micro Devices M49000000Q Datasheet HTML 17Page - Advanced Micro Devices M49000000Q Datasheet HTML 18Page - Advanced Micro Devices M49000000Q Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
14
Am49DL32xBG
July 19, 2002
P R E L I M I NARY
Table 4.
Top Boot Sector Addresses
Sector
Sector Address
A20–A12
Sector Size
(Kbytes/Kwords)
(x8)
Address Range
(x16)
Address Range
SA0
000000xxx
64/32
000000h–00FFFFh
000000h–07FFFh
SA1
000001xxx
64/32
010000h–01FFFFh
008000h–0FFFFh
SA2
000010xxx
64/32
020000h–02FFFFh
010000h–17FFFh
SA3
000011xxx
64/32
030000h–03FFFFh
018000h–01FFFFh
SA4
000100xxx
64/32
040000h–04FFFFh
020000h–027FFFh
SA5
000101xxx
64/32
050000h–05FFFFh
028000h–02FFFFh
SA6
000110xxx
64/32
060000h–06FFFFh
030000h–037FFFh
SA7
000111xxx
64/32
070000h–07FFFFh
038000h–03FFFFh
SA8
001000xxx
64/32
080000h–08FFFFh
040000h–047FFFh
SA9
001001xxx
64/32
090000h–09FFFFh
048000h–04FFFFh
SA10
001010xxx
64/32
0A0000h–0AFFFFh
050000h–057FFFh
SA11
001011xxx
64/32
0B0000h–0BFFFFh
058000h–05FFFFh
SA12
001100xxx
64/32
0C0000h–0CFFFFh
060000h–067FFFh
SA13
001101xxx
64/32
0D0000h–0DFFFFh
068000h–06FFFFh
SA14
001110xxx
64/32
0E0000h–0EFFFFh
070000h–077FFFh
SA15
001111xxx
64/32
0F0000h–0FFFFFh
078000h–07FFFFh
SA16
010000xxx
64/32
100000h–10FFFFh
080000h–087FFFh
SA17
010001xxx
64/32
110000h–11FFFFh
088000h–08FFFFh
SA18
010010xxx
64/32
120000h–12FFFFh
090000h–097FFFh
SA19
010011xxx
64/32
130000h–13FFFFh
098000h–09FFFFh
SA20
010100xxx
64/32
140000h–14FFFFh
0A0000h–0A7FFFh
SA21
010101xxx
64/32
150000h–15FFFFh
0A8000h–0AFFFFh
SA22
010110xxx
64/32
160000h–16FFFFh
0B0000h–0B7FFFh
SA23
010111xxx
64/32
170000h–17FFFFh
0B8000h–0BFFFFh
SA24
011000xxx
64/32
180000h–18FFFFh
0C0000h–0C7FFFh
SA25
011001xxx
64/32
190000h–19FFFFh
0C8000h–0CFFFFh
SA26
011010xxx
64/32
1A0000h–1AFFFFh
0D0000h–0D7FFFh
SA27
011011xxx
64/32
1B0000h–1BFFFFh
0D8000h–0DFFFFh
SA28
011100xxx
64/32
1C0000h–1CFFFFh
0E0000h–0E7FFFh
SA29
011101xxx
64/32
1D0000h–1DFFFFh
0E8000h–0EFFFFh
SA30
011110xxx
64/32
1E0000h–1EFFFFh
0F0000h–0F7FFFh
SA31
011111xxx
64/32
1F0000h–1FFFFFh
0F8000h–0FFFFFh
SA32
100000xxx
64/32
200000h–20FFFFh
100000h–107FFFh
SA33
100001xxx
64/32
210000h–21FFFFh
108000h–10FFFFh
SA34
100010xxx
64/32
220000h–22FFFFh
110000h–117FFFh
SA35
100011xxx
64/32
230000h–23FFFFh
118000h–11FFFFh
SA36
100100xxx
64/32
240000h–24FFFFh
120000h–127FFFh
SA37
100101xxx
64/32
250000h–25FFFFh
128000h–12FFFFh
SA38
100110xxx
64/32
260000h–26FFFFh
130000h–137FFFh
SA39
100111xxx
64/32
270000h–27FFFFh
138000h–13FFFFh
SA40
101000xxx
64/32
280000h–28FFFFh
140000h–147FFFh
SA41
101001xxx
64/32
290000h–29FFFFh
148000h–14FFFFh
SA42
101010xxx
64/32
2A0000h–2AFFFFh
150000h–157FFFh
SA43
101011xxx
64/32
2B0000h–2BFFFFh
158000h–15FFFFh
SA44
101100xxx
64/32
2C0000h–2CFFFFh
160000h–167FFFh
SA45
101101xxx
64/32
2D0000h–2DFFFFh
168000h–16FFFFh
SA46
101110xxx
64/32
2E0000h–2EFFFFh
170000h–177FFFh
SA47
101111xxx
64/32
2F0000h–2FFFFFh
178000h–17FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com