Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M420000071 Datasheet(PDF) 3 Page - SPANSION

Part # M420000071
Description  CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory, and 8 Mbit (512 K x 16-Bit) SRAM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M420000071 Datasheet(HTML) 3 Page - SPANSION

  M420000071 Datasheet HTML 1Page - SPANSION M420000071 Datasheet HTML 2Page - SPANSION M420000071 Datasheet HTML 3Page - SPANSION M420000071 Datasheet HTML 4Page - SPANSION M420000071 Datasheet HTML 5Page - SPANSION M420000071 Datasheet HTML 6Page - SPANSION M420000071 Datasheet HTML 7Page - SPANSION M420000071 Datasheet HTML 8Page - SPANSION M420000071 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
ADVANCE INFORMATION
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. Do not design in this product without contacting the factory. AMD re-
serves the right to change or discontinue work on this proposed product without notice.
Publication# 30491
Rev: A Amendment:+3
Issue Date: October 23, 2003
Refer to AMD’s Website (www.amd.com) for the latest information.
Am42BDS6408H
Am29BDS640H 64 Megabit (4 M x 16-Bit)
Stacked MultiChip Package (MCP) Flash Memory and SRAM
CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash
Memory, and 8 Mbit (512 K x 16-Bit) SRAM
FLASH DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
■ Single 1.8 volt read, program and erase (1.65 to 1.95
volt)
■ Manufactured on 0.13 µm process technology
■ VersatileIO™ (VIO) Feature
— Device generates data output voltages and tolerates
data input voltages as determined by the voltage on
the VIO pin
— 1.8V compatible I/O signals
— Contact factory for availability of 1.5V compatible I/O
signals
■
Simultaneous Read/Write operation
— Data can be continuously read from one bank while
executing erase/program functions in other bank
— Zero latency between read and write operations
— Four bank architecture: 8Mb/24Mb/24Mb/8Mb
■
Programable Burst Interface
— 2 Modes of Burst Read Operation
— Linear Burst: 8, 16, and 32 words with
wrap-around
— Continuous Sequential Burst
■
SecSiTM (Secured Silicon) Sector region
— Up to 128 words accessible through a command
sequence
— Up to 64 factory-locked words
— Up to 64 customer-lockable words
■
Sector Architecture
— Sixteen 4 Kword sectors and one hundred twenty-six
32 Kword sectors
— Banks A and D each contain eight 4 Kword sectors
and fifteen 32 Kword sectors; Banks B and C each
contain forty-eight 32 Kword sectors
— Sixteen 4 Kword boot sectors: eight at the top of the
address range and eight at the bottom of the address
range
■ Minimum 1 million erase cycle guarantee per sector
■ 20-year data retention at 125°C
— Reliable operation for the life of the system
■ 89-ball FBGA package
PERFORMANCE CHARCTERISTICS
■
Read access times at 66/54 MHz (CL=30 pF)
— Burst access times of 11/13.5 ns at industrial
temperature range
— Synchronous latency of 56/69 ns
— Asynchronous random access times of 45/50/55 ns
■ Power dissipation (typical values, CL = 30 pF)
— Burst Mode Read: 10 mA
— Simultaneous Operation: 25 mA
— Program/Erase: 15 mA
— Standby mode: 0.2 µA
HARDWARE FEATURES
■ Handshaking feature
— Provides host system with minimum possible latency
by monitoring RDY
— Reduced Wait-state handshaking option further
reduces initial access cycles required for burst
accesses beginning on even addresses
■ Hardware reset input (RESET#)
— Hardware method to reset the device for reading array
data
■ WP# input
— Write protect (WP#) function allows protection of the
four highest and four lowest 4 kWord boot sectors,
regardless of sector protect status
■ Persistent Sector Protection
— A command sector protection method to lock
combinations of individual sectors and sector groups
to prevent program or erase operations within that
sector
— Sectors can be locked and unlocked in-system at VCC
level
■ Password Sector Protection
— A sophisticated sector protection method to lock
combinations of individual sectors and sector groups
to prevent program or erase operations within that
sector using a user-defined 64-bit password
■ ACC input: Acceleration function reduces
programming time; all sectors locked when ACC =
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com