Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M420000071 Datasheet(PDF) 13 Page - SPANSION

Part # M420000071
Description  CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory, and 8 Mbit (512 K x 16-Bit) SRAM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M420000071 Datasheet(HTML) 13 Page - SPANSION

Back Button M420000071 Datasheet HTML 9Page - SPANSION M420000071 Datasheet HTML 10Page - SPANSION M420000071 Datasheet HTML 11Page - SPANSION M420000071 Datasheet HTML 12Page - SPANSION M420000071 Datasheet HTML 13Page - SPANSION M420000071 Datasheet HTML 14Page - SPANSION M420000071 Datasheet HTML 15Page - SPANSION M420000071 Datasheet HTML 16Page - SPANSION M420000071 Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
October 23, 2003
Am42BDS6408H
11
A D VA NCE
I N FO RM ATIO N
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in
volume for this device. Consult the local AMD sales office to con-
firm availability of specific valid combinations and to check on
newly released combinations.
Note: For the Am29BDS640H, the last digit of the speed
grade specifies the VIO range of the device. Speed options
ending in “8” and “9” (e.g., D8, D9) indicate a 1.8 Volt VIO
range.
Am42BDS6408
H
D
8
I
T
Tape and Reel
T
=7 Inches
S
=13 Inches
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
HANDSHAKING OPTIONS + SRAM speed
8
=
Reduced wait-state handshaking
Enabled + 70 ns SRAM
9
=
Standard handshaking + 70 ns SRAM
3
=
Reduced Wait-state handshaking
Enabled + 55 ns SRAM
4
=
Standard handshaking + 55 ns SRAM
SPEED
E=
66 MHz
D=
54 MHz
PROCESS TECHNOLOGY
H
=
0.13 um
DEVICE NUMBER/DESCRIPTION
Am42BDS6408H
64 Megabit (4 M x 16-Bit) CMOS Flash Memory, Simultaneous Read/Write,
Burst Mode Flash Memory, 1.8 Volt-only Read, Program, and Erase
8 Mb (512 K x 16-bit) SRAM
WP# at VIL level protects top and bottom sectors
Valid Combinations
Flash
Burst
Frequency
(MHz)
SRAM
Speed
(ns)
Order Number
Package
Marking
Am42BDS6408HE8
I
M420000070
66
70
Am42BDS6408HE9
M420000071
Am42BDS6408HD8
M420000072
54
Am42BDS6408HD9
M420000073
Am42BDS6408HE3
M420000074
66
55
Am42BDS6408HE4
M420000075
Am42BDS6408HD3
M420000076
54
Am42BDS6408HD4
M420000077



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com