Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M420000071 Datasheet(PDF) 84 Page - SPANSION

Part # M420000071
Description  CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory, and 8 Mbit (512 K x 16-Bit) SRAM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M420000071 Datasheet(HTML) 84 Page - SPANSION

Back Button M420000071 Datasheet HTML 80Page - SPANSION M420000071 Datasheet HTML 81Page - SPANSION M420000071 Datasheet HTML 82Page - SPANSION M420000071 Datasheet HTML 83Page - SPANSION M420000071 Datasheet HTML 84Page - SPANSION M420000071 Datasheet HTML 85Page - SPANSION M420000071 Datasheet HTML 86Page - SPANSION M420000071 Datasheet HTML 87Page - SPANSION M420000071 Datasheet HTML 88Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 90 page
background image
82
Am42BDS6408H
October 23, 2003
A D VA NCE
I N FO RM ATIO N
SRAM AC CHARACTERISTICS
Write Cycle
Notes:
1. WE# controlled.
2. tCW is measured from CE1#s going low to the end of write.
3. tWR is measured from the end of write to the address change. tWR applied in case a write ends as CE1#s or WE# going high.
4. tAS is measured from the address valid to the beginning of write.
5. A write occurs during the overlap (tWP) of low CE#1 and low WE#. A write begins when CE1#s goes low and WE# goes low when
asserting UB#s or LB#s for a single byte operation or simultaneously asserting UB#s and LB#s for a double byte operation. A
write ends at the earliest transition when CE1#s goes high and WE# goes high. The tWP is measured from the beginning of write
to the end of write.
Figure 49.
SRAM Write Cycle—WE# Control
Parameter
Symbol
Description
E6, E7,
D6, D7
E8, E9,
D8, D9
Unit
tWC
Write Cycle Time
Min
55
70
ns
tCw
Chip Enable to End of Write
Min
45
60
ns
tAS
Address Setup Time
Min
0
ns
tAW
Address Valid to End of Write
Min
45
60
ns
tBW
UB#s, LB#s to End of Write
Min
45
60
ns
tWP
Write Pulse Time
Min
45
50
ns
tWR
Write Recovery Time
Min
0
ns
tWHZ
Write to Output High-Z
Min
0
ns
Max
20
tDW
Data to Write Time Overlap
Min
30
ns
tDH
Data Hold from Write Time
Min
0
ns
tOW
End Write to Output Low-Z
min
5
ns
Address
CE1#s
Data Undefined
WE#
Data In
Data Out
tWC
tCW
(See Note 1)
tAW
High-Z
High-Z
Data Valid
CE2s
tCW
(See Note 1)
tWP
(See Note 4)
tAS
(See Note 3)
tWR
tDW
tDH
tOW
tWHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com