Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M420000071 Datasheet(PDF) 8 Page - SPANSION

Part # M420000071
Description  CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory, and 8 Mbit (512 K x 16-Bit) SRAM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M420000071 Datasheet(HTML) 8 Page - SPANSION

Back Button M420000071 Datasheet HTML 4Page - SPANSION M420000071 Datasheet HTML 5Page - SPANSION M420000071 Datasheet HTML 6Page - SPANSION M420000071 Datasheet HTML 7Page - SPANSION M420000071 Datasheet HTML 8Page - SPANSION M420000071 Datasheet HTML 9Page - SPANSION M420000071 Datasheet HTML 10Page - SPANSION M420000071 Datasheet HTML 11Page - SPANSION M420000071 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
6
Am42BDS6408H
October 23, 2003
A D VA NCE
I N FO RM ATIO N
PRODUCT SELECTOR GUIDE
Note: Speed Options ending in “8” and “6” indicate the “reduced wait-state handshaking” option, which speeds initial
synchronous accesses for even addresses.
Speed Options ending in “9” and “7” indicate the “standard handshaking” option.
See the AC Characteristics section of this datasheet for full specifications.
Part Number
Am42BDS6408H
Burst Frequency
66 MHz
54 MHz
Speed Option
VCC, VIO = 1.65 – 1.95 V
E8, E9 E3, E4 D8, D9 D3, D4
Max Initial Synchronous Access Time, ns (TIACC)
Reduced Wait-state Handshaking; Even Address
56
56
69
69
Max Initial Synchronous Access Time, ns (TIACC)
Reduced Wait-state Handshaking; Odd Address; or Standard Handshaking
71
71
87.5
87.5
Max Burst Access Time, ns (TBACC)
11
13.5
Max Asynchronous Access Time, ns (TACC)
50
50
55
55
Max CE# Access Time, ns (TCE)
Max OE# Access Time, ns (TOE)
11
13.5
Max Access time, ns (tACC)
705570
55
Max CE# Access time, ns (tCE)
705570
55
Max OE# Access, ns (tOE)
352535
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com