Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4086 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP4086
Description  80V, 0.5A Three Phase Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP4086 Datasheet HTML 1Page - Intersil Corporation HIP4086 Datasheet HTML 2Page - Intersil Corporation HIP4086 Datasheet HTML 3Page - Intersil Corporation HIP4086 Datasheet HTML 4Page - Intersil Corporation HIP4086 Datasheet HTML 5Page - Intersil Corporation HIP4086 Datasheet HTML 6Page - Intersil Corporation HIP4086 Datasheet HTML 7Page - Intersil Corporation HIP4086 Datasheet HTML 8Page - Intersil Corporation HIP4086 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Pin Descriptions
PIN
NUMBER
SYMBOL
DESCRIPTION
16
1
13
AHB
BHB
CHB
(xHB)
High-Side Bootstrap supplies. One external bootstrap diode and one capacitor are required for each. Connect
cathode of bootstrap diode and positive side of bootstrap capacitor to each xHB pin.
5
2
12
AHI
BHI
CHI
(xHI)
High-Side Logic Level Inputs. Logic at these three pins controls the three high side output drivers, AHO (Pin
17), BHO (Pin 24) and CHO (Pin 14). When xHI is low, xHO is high. When xHI is high, xHO is low. Unless the
dead time is disabled by connecting RDEL (Pin 7) to ground, the low side input of each phase will override the
corresponding high side input on that phase - see Truth Table on previous page. If RDEL is tied to ground,
dead time is disabled and the outputs follow the inputs. Care must be taken to avoid shoot-through in this
application. DIS (Pin 10) also overrides the high side inputs. xHI can be driven by signal levels of 0V to 15V
(no greater than VDD).
4
3
11
ALI
BLI
CLI
(xLI)
Low-Side Logic Level Inputs. Logic at these three pins controls the three low side output drivers ALO (Pin 21),
BLO (Pin 22) and CLO (Pin 19). If the upper inputs are grounded then the lower inputs control both xLO and
xHO drivers, with the dead time set by the resistor at RDEL (Pin 7). DIS (Pin 10) high level input overrides xLI,
forcing all outputs low. xLI can be driven by signal levels of 0V to 15V (no greater than VDD).
6VSS
Ground. Connect the sources of the Low-Side power MOSFETs to this pin.
7
RDEL
Dead Time Setting. Connect a resistor from this pin to VDD to set timing current that defines the dead time
between drivers - see Figure 15. All drivers turn-off with no adjustable delay, so the RDEL resistor guarantees
no shoot-through by delaying the turn-on of all drivers. When RDEL is tied to VSS, both upper and lowers can
be commanded on simultaneously. While not necessary in most applications, a decoupling capacitor of 0.1
µF
or smaller may be connected between RDEL and VSS.
8
UVLO
Undervoltage Setting. A resistor can be connected between this pin and VSS to program the undervoltage set
point, see Figure 16. With this pin not connected, the undervoltage disable is typically 6.6V. When this pin is
tied to VDD, the undervoltage disable is typically 6.2V.
9
RFSH
Refresh Pulse Setting. An external capacitor can be connected from this pin to VSS to increase the length of
the start up refresh pulse - see Figure 14. If this pin is not connected, the refresh pulse is typically 1.5
µs.
10
DIS
Disable Input. Logic level input that when taken high sets all six outputs low. DIS high overrides all other inputs.
With DIS low, the outputs are controlled by the other inputs. DIS can be driven by signal levels of 0V to 15V
(no greater than VDD).
17
24
14
AHO
BHO
CHO
(xHO)
High-Side Outputs. Connect to the gates of the High-Side power MOSFETs in each phase.
15
23
15
AHS
BHS
CHS
(xHS)
High-Side Source Connection. Connect the sources of the High-Side power MOSFETs to these pins. The
negative side of the bootstrap capacitors should also be connected to these pins.
20
VDD
Positive Supply. Decouple this pin to VSS (Pin 6).
21
22
19
ALO
BLO
CLO
(xLO)
Low-Side Outputs. Connect the gates of the Low-Side power MOSFETs to these pins.
NOTE:
x = A, B and C.
HIP4086



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com