Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4086 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP4086
Description  80V, 0.5A Three Phase Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086 Datasheet(HTML) 2 Page - Intersil Corporation

  HIP4086 Datasheet HTML 1Page - Intersil Corporation HIP4086 Datasheet HTML 2Page - Intersil Corporation HIP4086 Datasheet HTML 3Page - Intersil Corporation HIP4086 Datasheet HTML 4Page - Intersil Corporation HIP4086 Datasheet HTML 5Page - Intersil Corporation HIP4086 Datasheet HTML 6Page - Intersil Corporation HIP4086 Datasheet HTML 7Page - Intersil Corporation HIP4086 Datasheet HTML 8Page - Intersil Corporation HIP4086 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Functional Block Diagram (1/3 of HIP4086 )
Typical Application (PWM Mode Switching)
TRUTH TABLE
INPUT
OUTPUT
ALI, BLI, CLI
AHI, BHI, CHI
UV
DIS
RDEL
ALO, BLO, CLO
AHO, BHO, CHO
X
X
X1X0
0
XX
1
X
X
0
0
1
X
00
>100mV
10
00
00
X
0
1
01
00
X
0
0
1
0
0
0
<100mV
1
1
NOTE: X signifies that input can be either a “1” or “0”.
CHARGE
PUMP
VDD
DIS
ALI
UVLO
AHB
AHO
AHS
UV
20
8
AHI
5
10ns
DELAY
10
UNDERVOLTAGE
DETECTOR
RFSH
9
RFSH
PULSE
4
LEVEL
SHIFTER
TURN-ON
DELAY
DRIVER
16
17
18
TURN-ON
DELAY
VDD
ALO
VSS
DRIVER
20
21
6
DEAD TIME
CURRENT
MIRRORS
7
RDEL
2
µs
DELAY
+
-
100mV
+
-
VSS
DEAD TIME
DISABLE
DEAD TIME
DISABLE
UV
80V
+12V
PWM
INPUTS
CRFSH
RDIS
FROM
OPTIONAL
OVERCURRENT
LATCH
RDEL
3-PHASE
LOAD
GND
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
BHB
BHI
AHI
BLI
ALI
VSS
AHB
BHO
BLO
ALO
BHS
VDD
AHS
AHO
DIS
RFSH
CHI
UVLO
CLI
CHO
CHB
CLO
CHS
RDEL
(OPTIONAL)
RUV
(OPTIONAL)
+12V
HIP4086



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com