Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4086 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP4086
Description  80V, 0.5A Three Phase Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086 Datasheet(HTML) 7 Page - Intersil Corporation

  HIP4086 Datasheet HTML 1Page - Intersil Corporation HIP4086 Datasheet HTML 2Page - Intersil Corporation HIP4086 Datasheet HTML 3Page - Intersil Corporation HIP4086 Datasheet HTML 4Page - Intersil Corporation HIP4086 Datasheet HTML 5Page - Intersil Corporation HIP4086 Datasheet HTML 6Page - Intersil Corporation HIP4086 Datasheet HTML 7Page - Intersil Corporation HIP4086 Datasheet HTML 8Page - Intersil Corporation HIP4086 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Typical Performance Curves
FIGURE 3. VDD SUPPLY CURRENT vs VDD SUPPLY VOLTAGE
FIGURE 4. VDD SUPPLY CURRENT vs SWITCHING
FREQUENCY
FIGURE 5. FLOATING IXHB BIAS CURRENT
FIGURE 6. OFF-STATE IXHB BIAS CURRENT
FIGURE 7. CHARGE PUMP OUTPUT CURRENT
FIGURE 8. CHARGE PUMP OUTPUT VOLTAGE
-60
-40
-20
0
20
40
60
80
100
120
140
160
2
3
4
5
6
JUNCTION TEMPERATURE (oC)
VDD = 7V
VDD = 8V
VDD = 10V
VDD = 12V
VDD = 15V
VDD = 16V
ALL GATE CONTROL INPUTS = 5V
-60
-40
-20
0
20
40
60
80
100
120
140
160
10
15
20
25
30
JUNCTION TEMPERATURE (oC)
200kHz
CGATE = 1000pF
20kHz
50kHz
100kHz
10kHz
0
20
40
60
80
100
120
140
160
180
200
0
1000
2000
3000
4000
SWITCHING FREQUENCY (kHz)
CGATE = NO LOAD
CGATE = 1000pF
TJ = 25
oC
JUNCTION TEMPERATURE (oC)
-60
-40
-20
0
20
40
60
80
100
120
140
160
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VDD = 10V
VDD = 12V
VDD = 15V
VDD = 7V
VDD = 8V
-60
-40
-20
0
20
40
60
80
100
120
140
160
200
150
100
50
0
JUNCTION TEMPERATURE (oC)
VxHB - VxHS = 10V
-60
-40
-20
0
20
40
60
80
100
120
140
160
6
7
8
9
10
11
12
13
14
JUNCTION TEMPERATURE (oC)
VDD = 7V
VDD = 12V
VDD = 10V
VDD = 8V
VDD = 15V
HIP4086



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com