Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4086 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP4086
Description  80V, 0.5A Three Phase Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086 Datasheet(HTML) 5 Page - Intersil Corporation

  HIP4086 Datasheet HTML 1Page - Intersil Corporation HIP4086 Datasheet HTML 2Page - Intersil Corporation HIP4086 Datasheet HTML 3Page - Intersil Corporation HIP4086 Datasheet HTML 4Page - Intersil Corporation HIP4086 Datasheet HTML 5Page - Intersil Corporation HIP4086 Datasheet HTML 6Page - Intersil Corporation HIP4086 Datasheet HTML 7Page - Intersil Corporation HIP4086 Datasheet HTML 8Page - Intersil Corporation HIP4086 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Switching Specifications VDD = VxHB = 12V, VSS = VxHS = 0V, CGATE = 1000pF, RDEL = 10k
PARAMETER
TEST CONDITIONS
TJ = 25
oC
TJ = -40
oC TO
150oC
UNITS
MIN
TYP
MAX
MIN
MAX
TURN-ON DELAY AND PROPAGATION DELAY
Dead Time
RDEL = 100K
3.8
4.5
6
3
7
µs
RDEL = 10K
0.38
0.5
0.65
0.3
0.7
µs
Dead Time Channel Matching
RDEL = 10K
-
7
15
-
20
%
Lower Turn-Off Propagation Delay
(xLI-xLO)
No Load
-
30
45
-
65
ns
Upper Turn-Off Propagation Delay
(xHI-xHO)
No Load
-
75
90
-
100
ns
Lower Turn-On Propagation Delay
(xLI-xLO)
No Load
-
45
75
-
90
ns
Upper Turn-On Propagation Delay (xHI-xHO)
No Load
-
65
90
-
100
ns
Rise Time
CGATE = 1000pF
-
20
40
-
50
ns
Fall Time
CGATE = 1000pF
-
10
20
-
25
ns
Disable Turn-Off Propagation Delay
(DIS - Lower Outputs)
-55
80-90
ns
Disable Turn-Off Propagation Delay
(DIS - Upper Outputs)
-80
90-
100
ns
Disable to Lower Turn-On Propagation Delay
(DIS - xLO)
-55
80-
100
ns
Disable to Upper Enable (DIS - xHO)
RDEL = 10K, CRFSH Open
-
2.0
-
-
-
µs
Refresh Pulse Width (xLO)
CRFSH Open
-
1.5
-
-
-
µs
HIP4086



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com