Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCJS Datasheet(PDF) 4 Page - UN Semiconducctor INC

Part # SMCJS
Description  Surface Mount Transient Voltage Suppressors 15 To 43V 4600W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

SMCJS Datasheet(HTML) 4 Page - UN Semiconducctor INC

  SMCJS Datasheet HTML 1Page - UN Semiconducctor INC SMCJS Datasheet HTML 2Page - UN Semiconducctor INC SMCJS Datasheet HTML 3Page - UN Semiconducctor INC SMCJS Datasheet HTML 4Page - UN Semiconducctor INC SMCJS Datasheet HTML 5Page - UN Semiconducctor INC SMCJS Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Surface Mount Transient Voltage Suppressors
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
4/5
SMCJS Series
15 To 43V 4600W
Dimensions
Dimensions
Min
Max
Max
Min
Inches
Millimeters
A
B
C
D
E
F
G
H
I
J
K
L
DO-214AB (SMC)
0.114
0.260
0.220
0.079
0.030
-
0.305
0.006
0.129
0.094
-
0.094
0.126
0.280
0.245
0.103
0.060
0.008
0.320
0.012
-
-
0.165
-
2.86
6.520
5.520
1.980
0.750
-
7.640
0.152
3.300
2.400
-
2.400
3.160
7.020
6.150
2.590
1.510
0.203
8.020
0.305
-
-
4.200
-
S M C J S
X X C A S
Part Numbering
Super
5% VBR Voltage Tolerance
Bi-Directional
VR Voltage
Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com