Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCJS Datasheet(PDF) 5 Page - UN Semiconducctor INC

Part # SMCJS
Description  Surface Mount Transient Voltage Suppressors 15 To 43V 4600W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

SMCJS Datasheet(HTML) 5 Page - UN Semiconducctor INC

  SMCJS Datasheet HTML 1Page - UN Semiconducctor INC SMCJS Datasheet HTML 2Page - UN Semiconducctor INC SMCJS Datasheet HTML 3Page - UN Semiconducctor INC SMCJS Datasheet HTML 4Page - UN Semiconducctor INC SMCJS Datasheet HTML 5Page - UN Semiconducctor INC SMCJS Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Surface Mount Transient Voltage Suppressors
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
5/5
SMCJS Series
15 To 43V 4600W
Ordering Information
Part Number
Component
Package
Quantity
Packaging Option
SMCJXXXS
DO-214AB(SMC)
3000
Tape and Reel Specifications
Packaging
Specification
Tape & Reel -16mm/13″tape
0.061
(1.55 )
0.512(13.0)
Arbor Hole Diamete
Dimensions are in inches
(and millimeters)
Direction of Feed
0.63
(16.0)
Diameter
Cover tape
0.315
(8.0)
0.157
(4.0)
0.53
(13.4)
13.0
(330.0)
0.78
(19.8)
EIA STD RS-481



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com