Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCJS Datasheet(PDF) 1 Page - UN Semiconducctor INC

Part # SMCJS
Description  Surface Mount Transient Voltage Suppressors 15 To 43V 4600W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

SMCJS Datasheet(HTML) 1 Page - UN Semiconducctor INC

  SMCJS Datasheet HTML 1Page - UN Semiconducctor INC SMCJS Datasheet HTML 2Page - UN Semiconducctor INC SMCJS Datasheet HTML 3Page - UN Semiconducctor INC SMCJS Datasheet HTML 4Page - UN Semiconducctor INC SMCJS Datasheet HTML 5Page - UN Semiconducctor INC SMCJS Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Parameter
Symbol
Value
Unit
A
The SMCJS series of high current uni/bi-directional transient
suppressors . These devices offer uni/bi-directional port protection from
15 volts to 43 volts. They provide a clamping voltage lower than the
avalanche voltage. Therefore, any voltage rise due to increased current
conduction is contained to a minimum, providing the best possible
protection level. They can also be connected in series and/or parallel
to create very high capacity protection solutions.
SMCJS Series
Maximum Ratings and Thermal Characteristics(TA=25°C unless otherwise noted)
Features
Description
Applications
ROHS
Revision March 1,2022
Surface Mount Transient Voltage Suppressors
www.unsemi.com.tw
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
1/5
Auto power symtems
Can bus
Audio、video and GPS
ABS powers
Glass passivated or planner junction .
High temperature soldering: 260℃/10s at terminals .
Low leakage .
Excellent clamping capability .
Very fast response time .
Plastic package has Underwriters Laboratory Flammability 94V-0 .
Halogen free and RoHS compliant .
Meet with ISO 7637-2,ISO 16750,etc .
Peak power dissipation with a 10/1000us waveform
Power Dissipation on Infinite Heat Sink at TL=75°C
Peak pulse current with a 10/1000us waveform
Junction and storage temperature range
Operating temperature range
PPPM
PD
IPP
TJ, TSTG
TOP
4600
8.0
See Next Table
- 55 to +150
- 55 to +150
W
W
A
°C
°C
Functional Diagram
Cathode
Bi-directional
Anode
Uni-direction
15 To 43V 4600W
Uni-directional
Bi-directional


Similar Part No. - SMCJS

ManufacturerPart #DatasheetDescription
logo
Bytes
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Weitron Technology
SMCJ WEITRON-SMCJ Datasheet
190Kb / 4P
1500W Surface Mount Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SMCJ YANGJIE-SMCJ Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
UNIOHM CORPORATION
SMCJ UNIOHM-SMCJ Datasheet
359Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SMCJ SECOS-SMCJ Datasheet
430Kb / 4P
1500W Peak Power Surface Mount TVS
More results

Similar Description - SMCJS

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
TLD5S10AH TSC-TLD5S10AH Datasheet
353Kb / 5P
3600W, 10V ??43V Surface Mount Transient Voltage Suppressor
TLD6S10AH TSC-TLD6S10AH Datasheet
353Kb / 5P
4600W, 10V ??43V Surface Mount Transient Voltage Suppressor
TLD8S10AH TSC-TLD8S10AH Datasheet
353Kb / 5P
6600W, 10V ??43V Surface Mount Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
SM6MXXT-C SECOS-SM6MXXT-C Datasheet
516Kb / 3P
4600W Transient Voltage Suppressors Family
logo
HuaXinAn Electronics CO...
SM6S10A HUAXINAN-SM6S10A Datasheet
364Kb / 4P
4600W Transient Voltage Suppressors
logo
Diodes Incorporated
DM6W10A DIODES-DM6W10A Datasheet
484Kb / 6P
4600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 5 - 2
DM6W10AQ DIODES-DM6W10AQ Datasheet
861Kb / 6P
4600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 6 - 2
DM6W27Q DIODES-DM6W27Q Datasheet
552Kb / 6P
4600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
February 2022 Rev. 4 - 2
logo
UN Semiconducctor INC
TPSMB10J UNSEMI-TPSMB10J Datasheet
2Mb / 5P
15 To 40V 1000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com