Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMCJS Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # SMCJS
Description  Surface Mount Transient Voltage Suppressors 15 To 43V 4600W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

SMCJS Datasheet(HTML) 2 Page - UN Semiconducctor INC

  SMCJS Datasheet HTML 1Page - UN Semiconducctor INC SMCJS Datasheet HTML 2Page - UN Semiconducctor INC SMCJS Datasheet HTML 3Page - UN Semiconducctor INC SMCJS Datasheet HTML 4Page - UN Semiconducctor INC SMCJS Datasheet HTML 5Page - UN Semiconducctor INC SMCJS Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Surface Mount Transient Voltage Suppressors
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/5
SMCJS Series
15 To 43V 4600W
Part Number
Bi
Stand-Off
Voltage
VRMW
(V)
Breakdown
Voltage VBR (V)
Maximum
Reverse
Leakage
IR @VRWM
(uA)
Maximum
Reverse
Surge
Current IPP(1)
(A)
Maximum
Clamping
Voltage
VC @IPP (V)
Test
Current
IT (mA)
MIN
MAX
Uni
SMCJ15CAS
SMCJ16CAS
SMCJ18CAS
SMCJ20CAS
SMCJ22CAS
SMCJ24CAS
SMCJ26CAS
SMCJ30CAS
SMCJ33CAS
SMCJ36CAS
SMCJ40CAS
SMCJ43CAS
SMCJ15AS
SMCJ16AS
SMCJ18AS
SMCJ20AS
SMCJ22AS
SMCJ24AS
SMCJ26AS
SMCJ30AS
SMCJ33AS
SMCJ36AS
SMCJ40AS
SMCJ43AS
15.0
16.0
18.0
20.0
22.0
24.0
26.0
30.0
33.0
36.0
40.0
43.0
16.70
17.80
20.00
22.20
24.40
26.70
28.90
33.30
36.70
40.00
44.40
47.80
18.60
19.80
22.20
24.50
26.90
29.50
31.90
36.80
40.60
44.20
49.10
52.80
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
24.4
26.0
29.2
32.4
35.5
38.9
42.1
48.4
53.3
58.1
64.5
66.4
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Figure 2 - Pulse Derating Curve
Figure 1 - Pulse Waveform
t - Time (ms)
10/1000µsec. Waveform
as defined by R.E.A
Half Value
IPPM (IPPM/2)
Peak Value
IPPM
TR=10µsec
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
0
1.0
2.0
3.0
4.0
0
50
100
150
50
50
30
5
5
5
5
5
5
5
5
5
205.0
192.0
175.0
203.0
185.0
170.0
157.0
136.0
124.0
113.0
102.0
95.0
TA-Ambient temperature(°C)
0
25
50
75
100 125 150 175
0
20
40
60
80
100
Figure 4 - I-V Curve Characteristics
Figure 3-1-V Curve Characteristics
Electrical Characteristis (@ 25°C Unless Otherwise Specified )
Note:(1)Surge waveform: 10/1000μs
V
VC VBR VR
IR VF
IT
IPP
Uni-directional
V
VC VBR VR
VC
VBR
VR
IR
IR
IT
IT
IPP
IPP
Bi-directional



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com