Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHV2707-QJ Datasheet(PDF) 1 Page - Mimix Broadband

Part # CHV2707-QJ
Description  700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CHV2707-QJ Datasheet(HTML) 1 Page - Mimix Broadband

  CHV2707-QJ Datasheet HTML 1Page - Mimix Broadband CHV2707-QJ Datasheet HTML 2Page - Mimix Broadband CHV2707-QJ Datasheet HTML 3Page - Mimix Broadband CHV2707-QJ Datasheet HTML 4Page - Mimix Broadband CHV2707-QJ Datasheet HTML 5Page - Mimix Broadband CHV2707-QJ Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1 of 6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CHV2707-QJ
700 to 800 MHz InGaP HBT
5W Linear Power Amplifier
October 2006 - Rev 25-Oct-06
Internal Pre-matching
Single Supply Operation, 12V
Power Gain 14 dB
ESD Protection On Board
Current Control for Multiple Applications
2.5% EVM @ 30 dBm Avg Power, 802.16 OFDM
Signal Format, PAR = 9 dB
Low Thermal Resistance
Ideal for WiMAX Applications
RoHS Compliant 6x6 mm QFN Package
Features
General Description
The CHV2707 internally pre-matched power HBT device
provides 14 dB of gain, 2.3% EVM at 30dBm output power for
802.16 OFDM signal with a peak to average power ratio of 9
dB. The device operates off a single supply voltage up to 12V
and includes internal bias circuitry to enable exact setting of
the quiescent current using an external Vcontrol. This Vcontrol
is non-unique voltage setting and the same value can be used
for each part depending on the required Icq. The device is
ideal for high linearity, high data rate applications such as
WiMAX. Internal pre-matching facilitates a simplified external
matching approach and the highest in-band gain potential of
the device. The device operates with unique matching at each
of the popular WiMAX bands with the inherent repeatability of
an InGaP HBT process.
Absolute Maximum Ratings
Voltage Supply (Vcc)
Current (Icc)
Dissipated Power (Pdiss)
Input Power (Pin)
Storage Temperature (Tstg)
Channel Temperature (Tch)
Thermal Resistance (Rth)
Operating Backside Temperature (Tb)
4.5 (min) to 12 V (max)
2000 mA
18W
18 dBm
-60 to +150 ºC
175 ºC
5 ºC/W
-40 ºC to (see note 1)
Operation outside any of these limits can cause permanent damage.
(1) Caclulate maximum operating temperature Tmax using the
following formula: Tmax=175-(Pdiss [W] x 5) [C].
Electrical Characteristics (AmbientTemperatureT = 25 oC,Vcc = 12V)1
Parameter
Operating Frequency (f )
Quiescent Current (Icq)2
Power Gain @ Pout = 29 dBm (Gps)
Current @ 29 dBm (Icc)
Output Power @ EVM = 2.5% (Pout)3
Adjacent Channel Power Ratio @ Pout = 30 dBm (ACPR)4
Input Reflection Coefficient (S11)
Noise Figure (NF)
Units
MHz
mA
dB
mA
dBm
dBc
dB
dB
Min.
700
-
-
-
29
-
Typ.
750
730
14
770
-
-45
-9
5
Max.
800
760
-
800
-
-
1. Data measured in a Mimix matched connectorized fixture.
2. Quiescent current depends on Vcc and measured @ Pout = 30 dBm
3. Using an 802.1 6d OFDM signal format with PAR=9 dB
4. Using 3 GPP WCDMA signal, PAR = 9.17 dB


Similar Part No. - CHV2707-QJ

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CHV2707-QJ MIMIX-CHV2707-QJ Datasheet
323Kb / 6P
700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
CHV2707-QJ-0G00 MIMIX-CHV2707-QJ-0G00 Datasheet
323Kb / 6P
700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
CHV2707-QJ-0G0T MIMIX-CHV2707-QJ-0G0T Datasheet
323Kb / 6P
700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
CHV2707-QJ MIMIX-CHV2707-QJ_07 Datasheet
323Kb / 6P
700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
More results

Similar Description - CHV2707-QJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
2.4-2.5 GHz InGaP HBT Linear Power Amplifier
RMPA5251 FAIRCHILD-RMPA5251 Datasheet
499Kb / 10P
4.90-5.85 GHz InGaP HBT Linear Power Amplifier
logo
Mimix Broadband
CHV2710-QJ MIMIX-CHV2710-QJ Datasheet
229Kb / 6P
2.5 GHz InGaP HBT 5W Linear Power Amplifier
logo
SIRENZA MICRODEVICES
SPB-3018 SIRENZA-SPB-3018 Datasheet
206Kb / 9P
800 - 2400 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier
logo
Mimix Broadband
CHV2710-QJ_0610 MIMIX-CHV2710-QJ_0610 Datasheet
375Kb / 7P
2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2711-QJ MIMIX-CHV2711-QJ Datasheet
365Kb / 6P
3.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2710-QJ MIMIX-CHV2710-QJ_07 Datasheet
346Kb / 7P
2.5 GHz InGaP HBT 5W Linear Power Amplifier
logo
Skyworks Solutions Inc.
SKY65119 SKYWORKS-SKY65119 Datasheet
328Kb / 10P
700 - 800 MHz Linear Power Amplifier
logo
Mimix Broadband
CHV2707-QJ MIMIX-CHV2707-QJ_07 Datasheet
323Kb / 6P
700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
logo
RF Micro Devices
RFGA2012 RFMD-RFGA2012 Datasheet
1Mb / 12P
InGaP HBT LOW POWER LINEAR AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com