Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHV2707-QJ Datasheet(PDF) 6 Page - Mimix Broadband

Part # CHV2707-QJ
Description  700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CHV2707-QJ Datasheet(HTML) 6 Page - Mimix Broadband

  CHV2707-QJ Datasheet HTML 1Page - Mimix Broadband CHV2707-QJ Datasheet HTML 2Page - Mimix Broadband CHV2707-QJ Datasheet HTML 3Page - Mimix Broadband CHV2707-QJ Datasheet HTML 4Page - Mimix Broadband CHV2707-QJ Datasheet HTML 5Page - Mimix Broadband CHV2707-QJ Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page 6 of 6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CHV2707-QJ
700 to 800 MHz InGaP HBT
5W Linear Power Amplifier
October 2006 - Rev 25-Oct-06
Handling and Assembly Information
Mimix Lead-Free RoHS Compliant Program -
Mimix has an active program in place to meet customer and governmental
requirements for eliminating lead (Pb) and other environmentally hazardous materials from our products. All Mimix
RoHS compliant components are form, fit and functional replacements for their non-RoHS equivalents. Lead plating of
our RoHS compliant parts is 100% matt tin (Sn) over copper alloy and is backwards compatible with current standard
SnPb low-temperature reflow processes as well as higher temperature (260°C reflow) “Pb Free” processes.
For those customers not making the change at this time, Mimix will maintain production of current configurations. For
questions and comments e-mail: ourearth@mimixbroadband.com.
Ordering Information
Physical Dimensions
Part Number for Ordering
Package
CHV2707-QJ-0G00
Matte Tin plated RoHs compliant 6X6 QFN surface mount package in bulk
CHV2707-QJ-0G0T
Matte Tin Plated RoHs compliant 6X6 QFN surface mount package in tape and reel
PB-CHV2707-0000
Evaluation Board with SMA connectors.
We also offer the plastic package with SnPb (Tin Lead) or NiPdAu. Please contact your regional sales manager for more
information regarding different plating types.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com