Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHV2707-QJ Datasheet(PDF) 4 Page - Mimix Broadband

Part # CHV2707-QJ
Description  700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CHV2707-QJ Datasheet(HTML) 4 Page - Mimix Broadband

  CHV2707-QJ Datasheet HTML 1Page - Mimix Broadband CHV2707-QJ Datasheet HTML 2Page - Mimix Broadband CHV2707-QJ Datasheet HTML 3Page - Mimix Broadband CHV2707-QJ Datasheet HTML 4Page - Mimix Broadband CHV2707-QJ Datasheet HTML 5Page - Mimix Broadband CHV2707-QJ Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4 of 6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CHV2707-QJ
Recommended Board Schematic:
Recommended Board Layout:
700 to 800 MHz InGaP HBT
5W Linear Power Amplifier
C
C8
C=10 nF
TLIN
TL3
E=24
Z=60 Ohm
TLIN
TL6
E=30
Z=60 Ohm
TLIN
TL5
E=20
Z=50 Ohm
TLIN
TL1
E=16
Z=50 Ohm
TLIN
TL2
E=7
Z=17 Ohm
TLIN
TL4
E=24
Z=60 Ohm
C
C10
C=10 pF
C
C9
C=33 pF
C
C3
C=3.9 pF
C
C4
C=3.9 pF
C
C2
C=8.2 pF
C
C1
C=22 pF
C
C5
C=10 nF
C
C7
C=100 uF
C
C6
C=100 uF
C
C11
C=10 nF
Port
RFIN
Port
RFOUT
Port
VCC_
Port
VCC
Port
VCONTROL
October 2006 - Rev 25-Oct-06
12 mil RO4003



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com