Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHV2707-QJ Datasheet(PDF) 2 Page - Mimix Broadband

Part # CHV2707-QJ
Description  700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CHV2707-QJ Datasheet(HTML) 2 Page - Mimix Broadband

  CHV2707-QJ Datasheet HTML 1Page - Mimix Broadband CHV2707-QJ Datasheet HTML 2Page - Mimix Broadband CHV2707-QJ Datasheet HTML 3Page - Mimix Broadband CHV2707-QJ Datasheet HTML 4Page - Mimix Broadband CHV2707-QJ Datasheet HTML 5Page - Mimix Broadband CHV2707-QJ Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
CHV2707-QJ
Typical Performance: (802.16 OFDM signal, PAR = 9 dB, Vcontrol = 7V)
Measured in a Mimix evaluation board
700 to 800 MHz InGaP HBT
5W Linear Power Amplifier
EVM
OFDM (PAR = 9.04dB), 12V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
26
27
28
29
30
31
32
Output Power (dBm)
EVM @ 800MHz
EVM @ 700MHz
Gain
OFDM (PAR = 9.04dB), 12V
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
26
27
28
29
30
31
Output Power (dBm)
Gain @ 800MHz
Gain @ 700MHz
ACPR
WCDMA (PAR = 9.14) @ 12V
-70
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
-48
-46
-44
-42
-40
20
21
22
23
24
25
26
27
28
29
30
31
Output Power (dBm)
ACPR @ 800MHz
ACPR @ 700MHz
ACPR
WCDMA (PAR = 9.14) @ 10V
-70
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
-48
-46
-44
-42
-40
25
26
27
28
29
30
31
Output Power (dBm)
ACPR @ 800MHz
ACPR @ 700MHz
ACPR
WCDMA (PAR = 7.14), 12V
-70
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
-48
-46
-44
-42
-40
20
21
22
23
24
25
26
27
28
29
30
31
32
Output Power (dBm)
ACPR @ 800MHz
ACPR @ 700MHz
Effeciency
WCDMA (PAR = 9.14)
0
2
4
6
8
10
12
14
16
18
20
21
22
23
24
25
26
27
28
29
30
31
32
Ouput Power (dBm)
Eff @ 800MHz, 12V
Eff @ 700MHz, 12V
Eff @ 800MHz, 10V
Eff @ 700MHz, 10V
October 2006 - Rev 25-Oct-06



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com