Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTB0202/7 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTB0202/7
Description  10mm pitc h standard profile rising clamp terminal blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTB0202/7 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTB0202/7 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCB TERMINAL
BLOCKS
0 02
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
52
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
PL UGGABLES
SCREWLES S
PL UGGABLES
SCREWLES S
S TANDARD
10mm pit ch s tandar d pr ofile rising
clamp t erminal blocks
Pr oduct o v ervie w
• 2 to 12 pole interlocking
• Professional rising clamp terminals
• Standard profile
• Moulded in green UL94-V0 flame
retardant PA66
• Cable acceptance - 0.33-3.31mm2 (22-12
AWG)
• Guided pin alignment
• C
US approved
SPECIFICATION
Rating
10A 300V
Insulation resistance
5000M Ω/1000V
Withstand voltage
AC1500V/1min
Contact resistance
20m Ω
Working temperature
-33°C to +120°C
Moulding
UL94-V0 flame retardant PA66
Pin/terminal
Tin plated brass
Wire clamp
Nickel plated brass
Screw/torque
M2.5 steel, nickel plated 0.4Nm
Recommended PCB
hole size
ø1.5mm
CTB0202
PART NO.
POLES
LENG TH
CTB0202/2
2
15.2mm
CTB0202/3
3
25mm
CTB0202/4
4
35mm
CTB0202/5
5
45mm
CTB0202/6
6
55mm
CTB0202/7
7
75mm
CTB0202/8
8
85mm
CTB0202/9
9
95mm
CTB0202/10
10
105mm
CTB0202/11
11
115mm
CTB0202/12
12
125mm
KEY FEATURES
2- 12 pole int erlocking | Double int erlock mechanism | Pr of es sional rising clamp
10
2.5x2.5
5
10.3


Similar Part No. - CTB0202/7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTB04VY ETC2-CTB04VY Datasheet
172Kb / 1P
6.35mm Pitch Power Terminal Rising Clamp Terminal
CTB04VY10 ETC2-CTB04VY10 Datasheet
172Kb / 1P
6.35mm Pitch Power Terminal Rising Clamp Terminal
CTB04VY11 ETC2-CTB04VY11 Datasheet
172Kb / 1P
6.35mm Pitch Power Terminal Rising Clamp Terminal
CTB04VY12 ETC2-CTB04VY12 Datasheet
172Kb / 1P
6.35mm Pitch Power Terminal Rising Clamp Terminal
CTB04VY2 ETC2-CTB04VY2 Datasheet
172Kb / 1P
6.35mm Pitch Power Terminal Rising Clamp Terminal
More results

Similar Description - CTB0202/7

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTB0602 CAMDENBOSS-CTB0602 Datasheet
354Kb / 1P
10mm pitc h l ow profile rising clamp terminal blocks
CTB0609 CAMDENBOSS-CTB0609 Datasheet
359Kb / 1P
10.16mm pitc h l ow profile rising clamp terminal blocks
CTBP0100 CAMDENBOSS-CTBP0100 Datasheet
374Kb / 1P
5mm pitc h standard profile rising clamp terminal blocks
CTBP0110 CAMDENBOSS-CTBP0110 Datasheet
396Kb / 1P
7.5mm pitch standard profile rising clamp terminal blocks
CTBP0115 CAMDENBOSS-CTBP0115 Datasheet
398Kb / 1P
7.5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0150 CAMDENBOSS-CTBP0150 Datasheet
361Kb / 1P
5mm pitc h standard profile 90° rising clamp terminal blocks
CTBP0158 CAMDENBOSS-CTBP0158 Datasheet
388Kb / 1P
5 .08mm pitc h standard profile 90° rising clamp terminal blocks
CTBP2550 CAMDENBOSS-CTBP2550 Datasheet
387Kb / 1P
10mm pitch standard profile 90° rising clamp terminal blocks
CTBP4000 CAMDENBOSS-CTBP4000 Datasheet
396Kb / 1P
10mm pitch low profile 45° rising clamp terminal blocks
CTBP6550 CAMDENBOSS-CTBP6550 Datasheet
378Kb / 1P
10mm low profile 90° rising clamp terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com