Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7215HS/C2 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA7215HS/C2
Description  STB5860 Set-Top Box STB concept
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7215HS/C2 Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA7215HS/C2 Datasheet HTML 1Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 2Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 3Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 4Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 5Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 6Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 7Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 8Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1999 Aug 25
4
Philips Semiconductors
Preliminary specification
STB5860 (Set-Top Box) STB concept
OM5730
1.2.2
CPU RELATED FEATURES
• External SDRAM self test
• Asynchronous interface possible with external
microcontroller
• Support of fast DMA transfer
• High speed/low latency interface with second graphics
SDRAM
• Byte access to the full SDRAM in the upper 16-Mbit
address range
• Fast 16-bit data plus 22-bit address synchronous
interface with external controller at up to 40.5 MHz
• Support of Motorola ColdFire and 68xxx interfaces as
well as LSI L64108 interface.
1.2.3
MPEG2 SYSTEM FEATURES
• Support for seamless time base change (edition)
• Processing of errors flagged by channel decoding
section.
1.2.4
MPEG2 VIDEO FEATURES
• Decoding of MPEG2 video up to main level and main
profile
• Output picture format: CCIR-601 4 : 2 : 2 interlaced
pictures; picture format 720 to 576 at 50 Hz or
720 to 480 at 60 Hz
• Support of constant and variable bit rates up to
15 Mbits/s for the elementary stream
• Digital video input/output interface on 8-bit,
27 MHz (CbYCrY multiplexed bus), at a CCIR-656
format
• Analog video output interface on both the RGB and
Y/C/CVBS formats (internal digital encoder)
• Horizontal and vertical pan and scan allows the
extraction of a window from the coded picture
• Flexible horizontal scaling from 0.5 up to 4 allows easy
aspect ratio conversion including support for 2.21 : 1
aspect ratio movies; in case of shrinking an anti-aliasing
pre-filter is applied
• Vertical scaling with fixed factors 0.5 and 0.75;
factor 0.75 is used for letter-box presentation, 1 or 2;
factor 0.5 realizes picture shrink
• Factor 2 can be used for up-conversion of pictures with
288 (240) lines or less
• Horizontal and vertical scaling can be combined to scale
pictures to 1
⁄4 their original size, thus freeing up screen
space for graphic applications like Electronic Program
Guides (EPGs)
• Non full screen MPEG pictures can be displayed in a
box of which position and background colour are
adjustable by the external microcontroller; structured
background is available as part of the graphic features
• Nominal video input buffer size for MP at ML 27-Mbit
• Decoding and presentation can be independently
handled under CPU control
• Various trick modes under control of external
microcontroller
• Freeze field/frame on I- or P-frames; restart on I-picture
• Freeze field on B-frames; restart at any moment
• Scanning and decoding of I- or I- and P-frames in a
IBP sequence
• Single-step mode
• Repeat/skip field for time base correction
• Repeat/skip frame for display parity integrity.
1.2.5
MPEG2 AUDIO FEATURES
• Decoding of 2 channel, layer I and II MPEG audio;
support for mono, stereo, intensity stereo and dual
channel mode
• Constant and variable bit rates up to 448 kbits/s
• Supported audio sampling frequencies:
48, 44.1, 32, 24, 22.05 and 16 kHz
• Selectable output channel in dual channel mode
• Dynamic range control at output
• Independent channel volume control and programmable
inter-channel crosstalk through a baseband audio
processing unit
• Muting possibility via (external) controller; automatic
muting in case of errors
• Generation of ‘beeps’ with programmable tone height,
duration and amplitude
• Support for up to 8 channels linear Pulse Code
Modulated (PCM) elementary audio streams with
8, 16, 20 and 24 bits/sample and bit rates up to
6.144 Mbits/s
• 96 kHz Linear Pulse Code Modulated (LPCM) samples
will be mapped to a 48 kHz multi-channel format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com