Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7215HS/C2 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SAA7215HS/C2
Description  STB5860 Set-Top Box STB concept
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7215HS/C2 Datasheet(HTML) 5 Page - NXP Semiconductors

  SAA7215HS/C2 Datasheet HTML 1Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 2Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 3Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 4Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 5Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 6Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 7Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 8Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1999 Aug 25
5
Philips Semiconductors
Preliminary specification
STB5860 (Set-Top Box) STB concept
OM5730
• Volume control for linear PCM samples in three steps:
−6, −12 and −18 dB
• Burst-formatting of AC-3 elementary streams and
MPEG-2 multi-channel streams in ES or PES format for
interconnection with an external multi-channel decoder
via the digital audio output or the IEC 958 output
• Serial multi-channel digital audio output with
16, 18, 20 or 24 bits/sample, compatible either to I2Sor
Japanese formats; output can be set to high impedance
mode via the external controller
• Serial Sony/Philips Digital Interface (SPDIF) (IEC 958)
audio output; output can be set to high-impedance
mode.
1.2.6
GRAPHICS FEATURES
• Graphics is presented in boxes independent of video
format
• Boxes can be up to full screen allowing double buffer
display mechanism
• Two independent graphics planes are available for
background and/or graphics overlay
• Two independent data paths with RGB 4 :4:4 and
YCbCr 4:2:2 formats available with independent
mixing
• RGB path transparent to YCbCr format
• Screen arrangement of boxes is determined by display
list mechanism which allows for multiple boxes,
background loading, fast switching, scrolling,
overlapping and fading of regions
• Real-time anti-flickering performed in hardware;
programmable hardware available for off-line
anti-flickering
• Hard-edged or soft-edged wiping of regions available
• Support of 2, 4, 8 and 16 bits/pixel in fixed bit maps
format or coded in accordance to the DVB variable/run
length standard for region based graphics
• Chrominance down-sampling filter switched per region
• Display colours are obtained via Colour Look-Up
Tables (CLUT) or directly from bitmap. CLUT output can
be YCbCrT at 8-bit for each signal component thus
enabling 16M different colours and 6-bit for T which
gives 64 mixing levels with video. CLUT output can also
be RGBT with same resolutions. Non-linear processing
available by means of LUTs.
• Conversion matrices available to allow any format on
any different data path (RGB or YCbCr)
• Graphics boxes may overlap vertically even inside one
graphics layer due to the use of flexible chained
descriptors
• Internal support for fast 3-D block moves in external
SDRAM through Data Manipulation Unit (DMU)
• DMU allows format conversion and bit manipulation
from a chained list of instructions
• Graphics mechanism can be used for signal generation
in the vertical blanking interval; useful for teletext, wide
screen signalling, closed caption, etc.
• Support for a single down loadable cursor of 1 K pixel
with programmable shape
• Supported shapes are 8 × 128, 16 × 64, 32 × 32,
64
× 16 and 128 × 8 pixels
• Cursor colours obtained via two 16 entry CLUTs with
YCbCrT at 6, 4, 4 respectively
• 2 bits and RGBT at 4, 4, 4 respectively 4 bits (or 4, 5, 3,
respectively 4 bits); mixing of cursor with video and
graphics in 4 levels
• Cursor can be moved freely across the screen without
overlapping restrictions.
2
GENERAL DESCRIPTION
2.1
Introduction
The Philips Semiconductors Set-Top Box (STB) concept is
a Digital Media Broadcast (DMB) platform designed to
help developers bring the right product to market at the
right time, with a minimum of risk. A complete hardware
and software solution for fully-featured digital cable,
satellite and terrestrial system; it is based around a
powerful, programmable embedded microprocessor core,
allowing manufacturers to develop and rapidly evaluate
system designs and test application software.
This programmability is the key to maintaining flexibility
and reducing risk. Application software can be easily
modified to meet changing requirements, so highly
featured and differentiated STB designs can be brought
quickly to market. It also allows flexible handling of
graphics, so manufacturers can implement menus,
Electronic Program Guides and the sophisticated
graphics-based features expected by today’s users.
Sophisticated hardware is supported by a full suite of
software, developed in partnership with customers to meet
real-world needs and provide the reliability required for
consumer electronics products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com