Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7215HS/C2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SAA7215HS/C2
Description  STB5860 Set-Top Box STB concept
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7215HS/C2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SAA7215HS/C2 Datasheet HTML 3Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 4Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 5Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 6Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 7Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 8Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 9Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 10Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1999 Aug 25
7
Philips Semiconductors
Preliminary specification
STB5860 (Set-Top Box) STB concept
OM5730
• In terms of interfaces, the SAA7219 interfaces with
basic STB peripherals such as UART, smart card
interface, IEEE 1284, but also with the next generation
high speed interfaces such as IEEE 1394
• SAA7219 is able to control with a high speed clock
(40.5 MHz) DRAMs, flash, EEPROM and is able to
control the SAA7215 family as a memory mapped
device with a maximum sustained rate of 40.5 Mbytes/s,
which enables fast graphic update in the second
SDRAM
• SAA7215 family has a scalable memory architecture:
16 Mbits for low-end and 32 Mbits for mid/high-end
applications; furthermore, there is a full decoupling of
MPEG processing and graphics/CPU control buses and
control, which offers a high bandwidth and low latency
for CPU when accessing the graphics memory
• SAA7215 family features 5 independent graphics
planes that can address all the known digital TV, video
and graphics requirements:
– Background: where still pictures can be displayed in
the background
– Foreground: where broadcast graphics and the user
interface can be displayed
– Video: where still or moving video is displayed
– Cursor: implemented in hardware to offer fast
responses times.
• Graphics are processed internally in high resolution
RGB 4:4:4 format which provides the best quality in
graphics rendering as well as for mixing with video in
4:2:2 format
• A dedicated DMU (bit block transfer type) offers very fast
block move and data manipulation during the transfers;
this can be used to perform scaling of graphics, transfers
from 4 :2:0 to CLUT or RGB formats, or fast block
move in MPEG or graphics SDRAMs
• SAA7215 family offers flexible scaling features,
including letter box conversion that is now becoming a
needed features for broadcasters
• Two independent mixed video/graphics and video-only
signal paths are implemented and allow software
disabling of the user interface for recording on VCR
• Integrated digital video encoder with Y/C, CVBS and
RGB outputs reduce the Bill of Materials (BOM) and also
the board space, while still offering the possibility to
have access to the YUV digital bus through CCIR 656
interface
• SAA7215 family is ready for future audio features such
as AC-3 or high fidelity LPCM audio, such as requested
by the world-wide DVD standard, but also for high-end
STB in the USA. SAA7215 family processes LPCM
audio data and can interface gluelessly with an external
multi-channel audio decoder such as the SAA2505,
through IEC 958 interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com