Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7215HS/C2 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SAA7215HS/C2
Description  STB5860 Set-Top Box STB concept
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7215HS/C2 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SAA7215HS/C2 Datasheet HTML 12Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 13Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 14Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 15Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 16Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 17Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 18Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 19Page - NXP Semiconductors SAA7215HS/C2 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
1999 Aug 25
16
Philips Semiconductors
Preliminary specification
STB5860 (Set-Top Box) STB concept
OM5730
6
DEVELOPMENT ENVIRONMENT
This chapter describes how to develop your own STB5860
application, what environment you need and what
hardware and software interface the system provides.
It details what is needed to start developing your
application and in addition will tell you what you will receive
with the system that gets you on your way and shorten
development time and reduce the costs involved.
6.1
Summary of the STB5860 kit
When you receive the STB5860 development system it will
offer you a complete set-top box system along with the
necessary documentation for development. This will give
you a ‘plug and play’ solution to test and develop a system
based on this platform.
6.1.1
THE HARDWARE
This consists of a satellite front-end board, a front panel
with the display and IR-receiver, a main board, smart card
unit, the remote control and all cables needed to make the
necessary connections. On the main board you will find a
programmed EPROM and flash memory.
6.1.2
THE SOFTWARE
You will receive not only the binary executable, but also all
source codes in C, header files and documentation files.
The software will include the complete Application
Programmers Interface (API) for all components on the
board, except for IEEE 1394, which will be a subset of the
standard. This API will offer a developers logical services
like audio, video, graphics, descrambling, etc. Together
with this you will get the Feature Demonstration
Application (FDS). This is an application that will show you
the key features of the system.
6.1.3
DOCUMENTATION
Here you will find the user manual and programmers
reference for all major parts of the system like the
SAA7215 (AVG decoder chip), the SAA7219 CPU MPEG2
stream transporter and the satellite front-end module
(OM5718).
6.1.4
TEST REPORTS
These are included to prove the system maturity. You will
see the reports of the API tests and the reports concerning
the extensive in-system test. The latter is done to prove the
chip-set in a complete system environment, a customer
like set-up, customer use based on our experience with
previous end-customers.
6.2
How to get started
The first day you receive the system you can hook up a
satellite dish or transport stream (DiSeqC or not), a TV,
connect power to the system and it will start with the FDS
program. This demo gives you a menu driven interface to
the system. You can test and experiment with all main
features of the system. See how fast the on-screen display
functions, try out the IEEE 1394 interface to a similar
board, look at window tests, try out teletext, etc. This will
give you an understanding of the system and its
possibilities.
6.3
Hardware interface with the STB5860
Besides the dish and the TV (SCART, SVHS and
CCIR 656 YUV) there is an interface to IEEE 1394, SPDIF
(multi-channel audio decoder), to a PC via RS232 and
IEEE 1284 (Centronics), a debug socket (ROM
emulator and I/O), JTAG connector (boundary scan
testing), smart card unit and a remote control.
To use a ROM emulator there are two I/O connectors on
the main printed-circuit board where an extension board
will fit on the debug connector. This extension gives you
access to two footprints for 1-Mbyte ROMs.
6.4
Software interface with the STB5860
In the following way you can interface to the system to
develop and debug your own application. Connect a PC
(or other development system) with a ROM emulator to
extension board on the debug connector, compile the
supplied source code and load the executable in the ROM
emulator. Connect the RS232 debug port to the PC and
run a terminal program, this will give you a debug screen.
If you don’t have a ROM emulator you can use the parallel
port (IEEE 1284) of the set-top box. There is a loader
program embedded in the EPROM of the system which
allows development without ROM emulator.
The maximum possible memory configuration is as
follows. A boot ROM (256 kbytes) with the loader program,
2 Mbytes fast DRAM as scratch memory, 32 kbytes NVM
for channel data storage, 4 Mbytes flash memory to store
the program and 4 Mbytes SDRAM video memory.
The boot chip select can be switched between boot ROM
and flash memory. Of course a smaller configuration is
possible, just leave the memory footprints open.
6.5
Running ‘hello world’
We have supplied a small program which is called ‘hello
world’ to help you start developing your own software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com