Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8418ACBZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # LT8418ACBZ-R7
Description  100V Half-Bridge GaN Driver with Smart Integrated Bootstrap Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8418ACBZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  LT8418ACBZ-R7 Datasheet HTML 1Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 2Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 3Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 4Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 5Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 6Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 7Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 8Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Data Sheet
LT8418
analog.com
Rev 0
4 of 19
(TA = 25°C1, VCC = VBST = 5V, VGND = VSW = 0V; TGP and TGN are connected; BGP and BGN are connected)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
TG Rise Time
tTGR
CL = 1nF, 10% to 90%
2.5
ns
TG Fall Time
tTGF
CL = 1nF, 90% to 10%
2.5
ns
BG Rise Time
tBGR
CL = 1nF, 10% to 90%
2.5
ns
BG Fall Time
tBGF
CL = 1nF, 90% to 10%
2.5
ns
Propagation Delay, Delay Matching, and Minimum Input Pulse2
TG Turn-On
Propagation Delay
tRPD_TG
INT Rising to TG Rising (TGP = TGN =
TG)
10
16
ns
TG Turn-Off
Propagation Delay
tFPD_TG
INT Falling to TG Falling
10
15
ns
BG Turn-On
Propagation Delay
tRPD_BG
INB Rising to BG Rising (BGP = BGN =
BG)
10
16
ns
BG Turn-Off
Propagation Delay
tFPD_BG
INB Falling to BG Falling
10
15
ns
TG Turn-Off and BG
Turn-On Delay
Mismatch
tDMF
0.5
5
ns
BG Turn-Off and TG
Turn-On Delay
Mismatch
tDMR
0.5
6.5
ns
TG, BG Minimum Input
Pulse Width
tTGW, tBGW
11
ns
.
1
The LT8418 is tested under pulsed load conditions such that TJ ≈ TA. The LT8418A is guaranteed to meet
specifications from –40°C to 125°C junction temperature. High junction temperatures degrade operating
lifetimes; operating lifetime is derated for junction temperatures greater than 125°C. Note that the maximum
ambient temperature consistent with these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal impedance, and other environmental factors. The
junction temperature (TJ, in °C) is calculated from the ambient temperature (TA, in °C) and power dissipation
(PD, in Watts) according to the formula: TJ = TA + (PD × JA), where θJA (in °C/W) is the package thermal impedance.
2
The definition of propagation delay for the top or bottom side gate driver and delay matching is illustrated in
the following timing diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com