Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8418ACBZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # LT8418ACBZ-R7
Description  100V Half-Bridge GaN Driver with Smart Integrated Bootstrap Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8418ACBZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  LT8418ACBZ-R7 Datasheet HTML 1Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 2Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 3Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 4Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 5Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 6Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 7Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 8Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Data Sheet
LT8418
analog.com
Rev 0
5 of 19
Timing Diagrams
Figure 2. Timing Definitions of Propagation Delay and Delay Matching
ABSOLUTE MAXIMUM RATINGS
TA = 25°C1, unless otherwise specified.
Table 2. Absolute Maximum Ratings
PARAMETER
RATING
INB, INT
–0.3V to 15V
VCC, (BST – SW)
–0.3V to 6V
BGP, BGN
–0.3V to VCC + 0.3V
TGP, TGN
SW – 0.3V to BST + 0.3V
BST
–0.3V to 106V
BST (at 100ms Transient)
–0.3V to 116V
SW
-5V to 100V
SW (at 100ms Transient)
-5V to 110V
Operating Junction Temperature Range2,3 LT8418A
-40°C to 125°C
Storage Temperature Range
-65°C to 150°C
.
1
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device.
Exposure to any absolute maximum rating condition for extended periods may affect device reliability and
lifetime.
2
The LT8418 is tested under pulsed load conditions such that TJ ≈ TA. The LT8418A is guaranteed to meet
specifications from –40°C to 125°C junction temperature. High junction temperatures degrade operating
lifetimes; operating lifetime is derated for junction temperatures greater than 125°C. Note that the maximum
ambient temperature consistent with these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal impedance, and other environmental factors. The
junction temperature (TJ, in °C) is calculated from the ambient temperature (TA, in °C) and power dissipation
(PD, in Watts) according to the formula: TJ = TA + (PD • JA), where θJA (in °C/W) is the package thermal impedance.
3
The LT8418 includes overtemperature protection intended to protect the device during momentary overload
conditions. The maximum rated junction temperature is exceeded when this protection is active. Continuous
operation above the specified absolute maximum operating junction temperature may impair device reliability
or permanently damage the device.
INT
INB
INT
BG
INB
TG
TG
BG
tRPD_TG
tFPD_TG
tFPD_BG
tDMF
tDMR
tRPD_BG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com