Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8418ACBZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # LT8418ACBZ-R7
Description  100V Half-Bridge GaN Driver with Smart Integrated Bootstrap Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8418ACBZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT8418ACBZ-R7 Datasheet HTML 11Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 12Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 13Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 14Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 15Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 16Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 17Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 18Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
LT8418
analog.com
Rev 0
15 of 19
OUTLINE DIMENSIONS
12-Ball Wafer Level Chip Scale Package (WLCSP)
(CB-12-17, Unit: millimeter)
Figure 23. Package Drawing
SEATING
PLANE
1.710
1.670 SQ
1.630
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
SIDE VIEW
0.560
0.500
0.440
0.230
0.200
0.170
0.300
Ø
0.260
0.220
0.330
0.300
0.270
COPLANARITY
0.05
1.20 REF
SQ
BALL A1
IDENTIFIER
A
B
C
D
1
2
3
4
0.40
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com