Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8418ACBZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # LT8418ACBZ-R7
Description  100V Half-Bridge GaN Driver with Smart Integrated Bootstrap Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8418ACBZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  LT8418ACBZ-R7 Datasheet HTML 1Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 2Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 3Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 4Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 5Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 6Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 7Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 8Page - Analog Devices LT8418ACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Data Sheet
LT8418
100V Half-Bridge GaN Driver with Smart Integrated Bootstrap Switch
Pre-release Rev 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2023 Analog Devices, Inc. Al l rights rese rve d.
FEATURES
 Half-Bridge Gate Driver for GaN FETs
 0.6Ω Pull-Up Resistance at Top Gate Driver
 0.2Ω Pull-Down Resistance at Bottom Gate Driver
 4A Peak Source, 8A Peak Sink Current Capability
 Smart Integrated Bootstrap Switch
 Split-Gate-Driver to Adjust Turn-On/Turn-Off Strength
 Default Low-State for All Driver Inputs and Outputs
 Maximum 15V Voltage Rating at INT and INB Inputs
 Independent INT, INB Inputs with TTL Logic Compatible
 Fast Propagation Delay: 10ns (Typical)
 Propagation Delay Matching: 1.5ns (Typical)
 Balanced Driver Supply Voltage: VBST ≈ VCC = 3.85V – 5.5V
 Undervoltage and Overvoltage Lockout Protections
 Small 12-Ball WLCSP Package
APPLICATIONS
High Frequency DC-DC Switching Power Converters
Half-Bridge, Full-Bridge, Push-Pull Converters
Data Center Power Supplies
Motor Drivers, Class-D Audio Amplifiers
Consumer, Industrial, and Automotive
GENERAL DESCRIPTION
The LT8418 is a 100V half-bridge GaN driver that
integrates top and bottom driver stages, driver logic
control, and protections. It can be configured into
synchronous half-bridge, full-bridge topologies, or
buck, boost, and buck-boost topologies. The LT8418
provides strong current sourcing/sinking capability with
0.6Ω pull-up and 0.2Ω pull-down resistance. It also
integrates smart integrated bootstrap switch to
generate a balanced bootstrap voltage from VCC with a
minimum dropout voltage.
The LT8418 provides split gate drivers to adjust the turn-
on and turn-off slew rates of GaN FETs to suppress
ringing and optimize EMI performance. All driver inputs
and outputs have default low-state to prevent GaN FETs
from false turn-on. The inputs of the LT8418, INT, and
INB are independent and TTL logic compatible.
Meanwhile, the LT8418 performs with a fast propagation
delay of 10ns and maintains an excellent delay matching
of 1.5ns between the top and bottom channels, making
it suitable for high-frequency DC-DC converters, motor
drivers, and class-D audio amplifiers. In addition, the
LT8418 employs the WLCSP package to minimize
parasitic inductance, enabling its wide use in high-
performance and high-power density applications.
TYPICAL APPLICATION
Figure 1. Highly Efficient GaN-Based Switching DC-DC Converter
0.1µF
4.7µF
10µF
GaN FET
GaN FET
10µH
3.3Ω
3.3Ω
0.1µF
10µF
BST
TGP
TGN
SW
BGP
BGN
GND
VCC
INB
INT
VCC
SW
TOP SIDE INPUT: INT
BOTTOM SIDE INPUT: INB
VIN
100V MAX
VCC
3.85V TO 5.5V
VOUT
100V MAX
LT8418


Similar Part No. - LT8418ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8418 AD-LT8418 Datasheet
1,015Kb / 50P
Low IQ, Dual, 2-Phase Synchronous Boost Controller for GaN FETs
Rev. 0; 12/24
More results

Similar Description - LT8418ACBZ-R7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2ED2108S06F INFINEON-2ED2108S06F Datasheet
1Mb / 25P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
2ED2109S06F INFINEON-2ED2109S06F Datasheet
1Mb / 26P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
2ED2182S06F INFINEON-2ED2182S06F Datasheet
2Mb / 25P
650 V half-bridge gate driver with integrated bootstrap diode
V 2.21 2020-07-07
2ED21091S06F INFINEON-2ED21091S06F Datasheet
1Mb / 26P
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02
2ED2104S06F INFINEON-2ED2104S06F Datasheet
1Mb / 25P
650 V half bridge gate driver with integrated bootstrap diode
V 2.3 2020-12-07
2ED2103S06F INFINEON-2ED2103S06F Datasheet
1Mb / 25P
650 V half bridge gate driver with integrated bootstrap diode
V 2.3 2020-12-07
logo
Efficient Power Convers...
EPC2107 EPC-CO-EPC2107 Datasheet
2Mb / 10P
Enhancement-Mode GaN Power Transistor Half-Bridge with Integrated Synchronous Bootstrap
EPC2108 EPC-CO-EPC2108 Datasheet
2Mb / 10P
Enhancement-Mode GaN Power Transistor Half-Bridge with Integrated Synchronous Bootstrap
logo
Infineon Technologies A...
2ED28073J06F INFINEON-2ED28073J06F Datasheet
1Mb / 26P
600 V half-bridge gate driver with integrated bootstrap diode
V 2.0 2020-04-23
2ED2748S01G INFINEON-2ED2748S01G Datasheet
579Kb / 23P
160 V half bridge SOI gate driver with integrated bootstrap diode
V 1.0 2023-06-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com