Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP2000/7 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTBP2000/7
Description  10mm pitch standard profile terminal blocks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBP2000/7 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTBP2000/7 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCB TERMINAL
BLOCKS
0 02
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
50
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
PL UGGABLES
SCREWLES S
PL UGGABLES
SCREWLES S
S TANDARD
10mm pit ch s tandar d pr ofile
t erminal blocks
Pr oduct o v ervie w
• 2 to 12 pole interlocking
• Wire protector terminals
• Standard profile
• Moulded in green UL94-V0 PA66
• Cable acceptance - 0.4-1.3mm2 (26-16
AWG)
• Guided pin alignment
• C
US ,
approved
SPECIFICATION
Rating
16A 250V
Dielectric strength
5000M Ω/1000V
Insulation resistance
AC1500V/1min
Working temperature
20m Ω
Moulding
-33°C to +120°C
Pin/terminal
UL94-V0 flame retardant PA66
Wire clamp
Stainless steel
Screw/torque
M3 steel, nickel plated 0.4Nm
Recommended PCB
hole size
ø1.1mm
CTBP2000
PART NO.
POLES
LENG TH
CTBP2000/2
2
15mm
CTBP2000/3
3
25mm
CTBP2000/4
4
35mm
CTBP2000/5
5
45mm
CTBP2000/6
6
55mm
CTBP2000/7
7
65mm
CTBP2000/8
8
75mm
CTBP2000/9
9
85mm
CTBP2000/10
10
95mm
CTBP2000/11
11
105mm
CTBP2000/12
12
115mm
KEY FEATURES
Gr een UL94- V0 moulding | Int erlock mechanism | W ir e pr ot ect or t erminals
2.5
9
10
5


Similar Part No. - CTBP2000/7

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP2050 CAMDENBOSS-CTBP2050 Datasheet
389Kb / 1P
10mm pitch standard profile 90° wire protector terminal blocks
CTBP2050/1 CAMDENBOSS-CTBP2050/1 Datasheet
389Kb / 1P
10mm pitch standard profile 90° wire protector terminal blocks
CTBP2050/1/15 CAMDENBOSS-CTBP2050/1/15 Datasheet
389Kb / 1P
10mm pitch standard profile 90° wire protector terminal blocks
CTBP2050/10 CAMDENBOSS-CTBP2050/10 Datasheet
389Kb / 1P
10mm pitch standard profile 90° wire protector terminal blocks
CTBP2050/11 CAMDENBOSS-CTBP2050/11 Datasheet
389Kb / 1P
10mm pitch standard profile 90° wire protector terminal blocks
More results

Similar Description - CTBP2000/7

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB11-2-2 DUBILIER-DBCTB11-2-2 Datasheet
123Kb / 1P
TERMINAL BLOCKS 10mm PITCH VERTICAL MOUNT
DBCTB25-2 DUBILIER-DBCTB25-2 Datasheet
112Kb / 1P
TERMINAL BLOCKS 10mm PITCH 45 MOUNT
DBCTB48-2 DUBILIER-DBCTB48-2 Datasheet
123Kb / 1P
TERMINAL BLOCKS 10mm PITCH VERTICAL MOUNT
DBCTB57-2 DUBILIER-DBCTB57-2 Datasheet
112Kb / 1P
TERMINAL BLOCKS 10mm PITCH 45 MOUNT
logo
CamdenBoss Ltd.
CTB0202 CAMDENBOSS-CTB0202 Datasheet
372Kb / 1P
10mm pitc h standard profile rising clamp terminal blocks
CTBP2050 CAMDENBOSS-CTBP2050 Datasheet
389Kb / 1P
10mm pitch standard profile 90° wire protector terminal blocks
CTBP2550 CAMDENBOSS-CTBP2550 Datasheet
387Kb / 1P
10mm pitch standard profile 90° rising clamp terminal blocks
CTBP4000 CAMDENBOSS-CTBP4000 Datasheet
396Kb / 1P
10mm pitch low profile 45° rising clamp terminal blocks
CTBP6000 CAMDENBOSS-CTBP6000 Datasheet
376Kb / 1P
10mm pitch low profile wire protector terminal blocks
CTBP6050 CAMDENBOSS-CTBP6050 Datasheet
381Kb / 1P
10mm pitch low profile 90° wire protector terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com