Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-70280-0201 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # AX-70280-0201
Description   SALES ASSY-HIGH TEMP. DUAL ROW WAFER W/BREAK- OFF OPT. .025 SQ PINS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

AX-70280-0201 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  AX-70280-0201 Datasheet HTML 1Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 2Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 3Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 4Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 5Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 6Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 7Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 8Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SALES ASSY-HIGH TEMP.
DUAL ROW WAFER W/BREAK- OFF OPT. .025 SQ
PINS
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE
DOC PART
REVISION
SDA-70280-0001-4000 PSD 001 H1
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE TABLE
GENERAL MARKET
6 OF 9
CURRENT REV DESC:
EC NO: 742602
DRWN:
SUAIFR
2023/02/28
CHK'D: SUAIFR
2023/03/16
APPR:
MRAMAKRISHNA
2023/03/20
INITIAL REVISION:
DRWN: SMR
04/19/1993
APPR:
SMR
04/19/1993
THIRD ANGLE PROJECTION
DRAWING
SERIES
C-SIZE
70280
DIMENSION UNITS
SCALE
MM/IN
1:1
GENERAL TOLERANCES
(UNLESS SPECIFIED)
MM
INCH
4 PLACES ±
±
3 PLACES ±
±
0.005
2 PLACES ±
0.13
±
0.01
1 PLACE
±
0.25
±
0 PLACES ±
±
ANGULAR TOL
±
0.5 °
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
FORMAT: Eng-lega-master-tb-prod-C
REVISION: D
DATE: 2018/01/18
DOCUMENT STATUS
P1
RELEASE DATE
2023/03/20
10:44:28
ENGINEERING
NUMBER
A-70280-
RELEASE
FOR
MANUFACTURE
E
REF.
J
REF.
C
±
(0.25)
.010
MATING END PLATING
P.C BOARD END PLATING
FOR PACKAGING
INFORMATION, SEE
NOTE 4, SHEET 1
(UNLESS OTHERWISE
SPECIFIED BELOW)
TYPE
D
MEAS.
TYPE
F
MEAS.
-0509/-0518
R.F.M.
(2.92)
.115
(12.83)
.505
(7.62)
.300
TIN
(4.57)
.180
TIN
(1.27)
.050
PK-70873-0090
-0529/-0538
R.F.M.
(3.68)
.145
(17.02)
.670
(11.05)
.435
TIN
(6.46)
.254
TIN
(1.23)
.048
PK-70873-0276
-0869/-0878
R.F.M.
(2.67)
.105
(11.05)
.435
(6.10)
.240
TIN
(2.54)
.100
TIN
(1.27)
.050
PK-70873-0090
-0879/-0888
R.F.M.
(4.45)
.175
(12.83)
.505
(6.10)
.240
TIN
(2.54)
.100
TIN
(1.27)
.050
-0889/-0898
R.F.M.
(4.45)
.175
(12.83)
.505
(6.10)
.240
15 GOLD
(2.54)
.100
TIN
(1.27)
.050
CKTS
EDP NUMBER ENG NUMBER EDP NUMBER ENG NUMBER EDP NUMBER ENG NUMBER EDP NUMBER ENG NUMBER EDP NUMBER ENG NUMBER EDP NUMBER ENG NUMBER EDP NUMBER ENG NUMBER
CKTS
82
70280-0509
A-70280-0509
70280-0529
A-70280-0529
70280-0869
A-70280-0869
70280-0879
A-70280-0879
70280-0889
A-70280-0889
82
84
70280-0510
A-70280-0510
70280-0530
A-70280-0530
70280-0870
A-70280-0870
70280-0880
A-70280-0880
70280-0890
A-70280-0890
84
86
70280-0511
A-70280-0511
70280-0531
A-70280-0531
70280-0871
A-70280-0871
70280-0881
A-70280-0881
70280-0891
A-70280-0891
86
88
70280-0512
A-70280-0512
70280-0532
A-70280-0532
70280-0872
A-70280-0872
70280-0882
A-70280-0882
70280-0892
A-70280-0892
88
90
70280-0513
A-70280-0513
70280-0533
A-70280-0533
70280-0873
A-70280-0873
70280-0883
A-70280-0883
70280-0893
A-70280-0893
90
92
70280-0514
A-70280-0514
70280-0534
A-70280-0534
70280-0874
A-70280-0874
70280-0884
A-70280-0884
70280-0894
A-70280-0894
92
94
70280-0515
A-70280-0515
70280-0535
A-70280-0535
70280-0875
A-70280-0875
70280-0885
A-70280-0885
70280-0895
A-70280-0895
94
96
70280-0516
A-70280-0516
70280-0536
A-70280-0536
70280-0876
A-70280-0876
70280-0886
A-70280-0886
70280-0896
A-70280-0896
96
98
70280-0517
A-70280-0517
70280-0537
A-70280-0537
70280-0877
A-70280-0877
70280-0887
A-70280-0887
70280-0897
A-70280-0897
98
100
70280-0518
A-70280-0518
70280-0538
A-70280-0538
70280-0878
A-70280-0878
70280-0888
A-70280-0888
70280-0898
A-70280-0898
100
1
A
1
A
2
B
2
B
3
C
3
C
4
D
4
D
5
E
5
E
6
F
6
F
7
G
7
G
8
H
8
H
9
9
10
10
11
11
12
12



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com