Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-70280-0201 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # AX-70280-0201
Description   SALES ASSY-HIGH TEMP. DUAL ROW WAFER W/BREAK- OFF OPT. .025 SQ PINS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

AX-70280-0201 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  AX-70280-0201 Datasheet HTML 1Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 2Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 3Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 4Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 5Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 6Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 7Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 8Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SALES ASSY-HIGH TEMP.
DUAL ROW WAFER W/BREAK- OFF OPT. .025 SQ
PINS
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE
DOC PART
REVISION
SDA-70280-0001-4000 PSD 001 H1
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE TABLE
GENERAL MARKET
3 OF 9
CURRENT REV DESC:
EC NO: 742602
DRWN:
SUAIFR
2023/02/28
CHK'D: SUAIFR
2023/03/16
APPR:
MRAMAKRISHNA
2023/03/20
INITIAL REVISION:
DRWN: SMR
04/19/1993
APPR:
SMR
04/19/1993
THIRD ANGLE PROJECTION
DRAWING
SERIES
C-SIZE
70280
DIMENSION UNITS
SCALE
MM/IN
1:1
GENERAL TOLERANCES
(UNLESS SPECIFIED)
MM
INCH
4 PLACES ±
±
3 PLACES ±
±
0.005
2 PLACES ±
0.13
±
0.01
1 PLACE
±
0.25
±
0 PLACES ±
±
ANGULAR TOL
±
0.5 °
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
FORMAT: Eng-lega-master-tb-prod-C
REVISION: D
DATE: 2018/01/18
DOCUMENT STATUS
P1
RELEASE DATE
2023/03/20
10:44:28
CKTS EDP NUMBER
ENG NUMBER EDP NUMBER ENG NUMBER EDP NUMBER ENG NUMBER EDP NUMBER ENG NUMBER EDP NUMBER ENG NUMBER EDP NUMBER
ENG NUMBER
EDP NUMBER ENG NUMBER
CKTS
N.A
AX-70280-0281
N/A
A-70280-0549
N/A
A-70280-0589
4
010-97-7047
A-70280-0282
70280-0361
A-70280-0361
70280-0550
A-70280-0550
70280-0590
A-70280-0590
4
6
010-97-7067
A-70280-0283
70280-0362
A-70280-0362
70280-0551
A-70280-0551
70280-0591
A-70280-0591
6
8
010-97-7087
A-70280-0284
70280-0363
A-70280-0363
70280-0552
A-70280-0552
70280-0592
A-70280-0592
8
10
010-97-7107
A-70280-0285
70280-0364
A-70280-0364
70280-0553
A-70280-0553
70280-0593
A-70280-0593
10
12
010-97-7127
A-70280-0286
70280-0365
A-70280-0365
70280-0554
A-70280-0554
70280-0594
A-70280-0594
12
14
010-97-7147
A-70280-0287
70280-0366
A-70280-0366
70280-0555
A-70280-0555
70280-0595
A-70280-0595
14
16
010-97-7167
A-70280-0288
70280-0367
A-70280-0367
70280-0556
A-70280-0556
70280-0596
A-70280-0596
16
18
010-97-7187
A-70280-0289
70280-0368
A-70280-0368
70280-0557
A-70280-0557
70280-0597
A-70280-0597
18
20
010-97-7207
A-70280-0290
70280-0369
A-70280-0369
70280-0558
A-70280-0558
70280-0598
A-70280-0598
20
22
010-97-7227
A-70280-0291
70280-0370
A-70280-0370
70280-0559
A-70280-0559
70280-0599
A-70280-0599
22
24
010-97-7247
A-70280-0292
70280-0371
A-70280-0371
70280-0560
A-70280-0560
70280-0600
A-70280-0600
24
26
010-97-7267
A-70280-0293
70280-0372
A-70280-0372
70280-0561
A-70280-0561
70280-0601
A-70280-0601
26
28
010-97-7287
A-70280-0294
70280-0373
A-70280-0373
70280-0562
A-70280-0562
70280-0602
A-70280-0602
28
30
010-97-7307
A-70280-0295
70280-0374
A-70280-0374
70280-0563
A-70280-0563
70280-0603
A-70280-0603
30
32
010-97-7327
A-70280-0296
70280-0375
A-70280-0375
70280-0564
A-70280-0564
70280-0604
A-70280-0604
32
34
010-97-7347
A-70280-0297
70280-0376
A-70280-0376
70280-0565
A-70280-0565
70280-0605
A-70280-0605
34
36
010-97-7367
A-70280-0298
70280-0377
A-70280-0377
70280-0566
A-70280-0566
70280-0606
A-70280-0606
36
38
010-97-7387
A-70280-0299
70280-0378
A-70280-0378
70280-0567
A-70280-0567
70280-0607
A-70280-0607
38
40
010-97-7407
A-70280-0300
70280-0379
A-70280-0379
70280-0568
A-70280-0568
70280-0608
A-70280-0608
40
42
010-97-7427
A-70280-0301
70280-0380
A-70280-0380
70280-0569
A-70280-0569
70280-0609
A-70280-0609
42
44
010-97-7447
A-70280-0302
70280-0381
A-70280-0381
70280-0570
A-70280-0570
70280-0610
A-70280-0610
44
46
010-97-7467
A-70280-0303
70280-0382
A-70280-0382
70280-0571
A-70280-0571
70280-0611
A-70280-0611
46
48
010-97-7487
A-70280-0304
70280-0383
A-70280-0383
70280-0572
A-70280-0572
70280-0612
A-70280-0612
48
50
010-97-7507
A-70280-0305
70280-0384
A-70280-0384
70280-0573
A-70280-0573
70280-0613
A-70280-0613
50
52
010-97-7527
A-70280-0306
70280-0385
A-70280-0385
70280-0574
A-70280-0574
70280-0614
A-70280-0614
52
54
010-97-7547
A-70280-0307
70280-0386
A-70280-0386
70280-0575
A-70280-0575
70280-0615
A-70280-0615
54
56
010-97-7567
A-70280-0308
70280-0387
A-70280-0387
70280-0576
A-70280-0576
70280-0616
A-70280-0616
56
58
010-97-7587
A-70280-0309
70280-0388
A-70280-0388
70280-0577
A-70280-0577
70280-0617
A-70280-0617
58
60
010-97-7607
A-70280-0310
70280-0389
A-70280-0389
70280-0578
A-70280-0578
70280-0618
A-70280-0618
60
62
010-97-7627
A-70280-0311
70280-0390
A-70280-0390
70280-0579
A-70280-0579
70280-0619
A-70280-0619
62
64
010-97-7647
A-70280-0312
70280-0391
A-70280-0391
70280-0580
A-70280-0580
70280-0620
A-70280-0620
64
66
010-97-7667
A-70280-0313
70280-0392
A-70280-0392
70280-0581
A-70280-0581
70280-0621
A-70280-0621
66
68
010-97-7687
A-70280-0314
70280-0393
A-70280-0393
70280-0582
A-70280-0582
70280-0622
A-70280-0622
68
70
010-97-7707
A-70280-0315
70280-0394
A-70280-0394
70280-0583
A-70280-0583
70280-0623
A-70280-0623
70
72
010-97-7727
A-70280-0316
70280-0395
A-70280-0395
70280-0584
A-70280-0584
70280-0624
A-70280-0624
72
74
010-97-7747
A-70280-0317
70280-0396
A-70280-0396
70280-0585
A-70280-0585
70280-0625
A-70280-0625
74
76
010-97-7767
A-70280-0318
70280-0397
A-70280-0397
70280-0586
A-70280-0586
70280-0626
A-70280-0626
76
78
010-97-7787
A-70280-0319
70280-0398
A-70280-0398
70280-0587
A-70280-0587
70280-0627
A-70280-0627
78
80
010-97-7807
A-70280-0320
70280-0399
A-70280-0399
70280-0588
A-70280-0588
70280-0628
A-70280-0628
80
ENGINEERING
NUMBER
A-70280-
RELEASE
FOR
MANUFACTURE
E
REF.
J
REF.
C
±
(0.25)
.010
MATING END PLATING
P.C BOARD END PLATING
FOR PACKAGING
INFORMATION, SEE
NOTE 4, SHEET 1
(UNLESS OTHERWISE
SPECIFIED BELOW)
TYPE
D
MEAS.
TYPE
F
MEAS.
-0281/-0320
R.F.M.
(2.92)
.115
(12.83)
.505
(7.62)
.300
TIN
(4.57)
.180
TIN
(1.27)
.050
PK-70873-0090
-0361/-0399
R.F.M.
(3.68)
.145
(17.02)
.670
(11.05)
.435
TIN
(6.46)
.254
TIN
(1.23)
.048
PK-70873-0276
-0549/-0588
R.F.M.
(2.72)
.107
(11.10)
.437
(6.10)
.240
TIN
(2.54)
.100
TIN
(1.27)
.050
PK-70873-0090
-0589/-0628
R.F.M.
(4.45)
.175
(12.83)
.505
(6.10)
.240
TIN
(2.54)
.100
TIN
(1.27)
.050
1
A
1
A
2
B
2
B
3
C
3
C
4
D
4
D
5
E
5
E
6
F
6
F
7
G
7
G
8
H
8
H
9
9
10
10
11
11
12
12



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com