Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-70280-0201 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # AX-70280-0201
Description   SALES ASSY-HIGH TEMP. DUAL ROW WAFER W/BREAK- OFF OPT. .025 SQ PINS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

AX-70280-0201 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

  AX-70280-0201 Datasheet HTML 1Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 2Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 3Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 4Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 5Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 6Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 7Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 8Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SALES ASSY-HIGH TEMP.
DUAL ROW WAFER W/BREAK- OFF OPT. .025 SQ
PINS
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE
DOC PART
REVISION
SDA-70280-0001-4000 PSD 001 H1
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE TABLE
GENERAL MARKET
8 OF 9
CURRENT REV DESC:
EC NO: 742602
DRWN:
SUAIFR
2023/02/28
CHK'D: SUAIFR
2023/03/16
APPR:
MRAMAKRISHNA
2023/03/20
INITIAL REVISION:
DRWN: SMR
04/19/1993
APPR:
SMR
04/19/1993
THIRD ANGLE PROJECTION
DRAWING
SERIES
C-SIZE
70280
DIMENSION UNITS
SCALE
MM/IN
1:1
GENERAL TOLERANCES
(UNLESS SPECIFIED)
MM
INCH
4 PLACES ±
±
3 PLACES ±
±
0.005
2 PLACES ±
0.13
±
0.01
1 PLACE
±
0.25
±
0 PLACES ±
±
ANGULAR TOL
±
0.5 °
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
FORMAT: Eng-lega-master-tb-prod-C
REVISION: D
DATE: 2018/01/18
DOCUMENT STATUS
P1
RELEASE DATE
2023/03/20
10:44:28
ENGINEERING
NUMBER
A-70280-
RELEASE
FOR
MANUFACTURE
E
REF.
J
REF.
C
±
(0.25)
.010
MATING END PLATING
P.C BOARD END PLATING
FOR PACKAGING
INFORMATION, SEE
NOTE 4, SHEET 1
(UNLESS OTHERWISE
SPECIFIED BELOW)
TYPE
D
MEAS.
TYPE
F
MEAS.
-0949/-0987
R.F.M.
(3.43)
.135
(11.81)
.465
(6.10)
.240
15 GOLD
(2.54)
.100
TIN
(1.27)
.050
-1130/1168
R.F.M.
(3.56)
.140
(15.24)
.600
(9.40)
.370
15 GOLD
(5.33)
.210
TIN
(2.54)
.100
-1169/-1207
R.F.M.
(2.79)
.110
(16.51)
.650
(11.43)
.450
15 GOLD
(4.57)
.180
TIN
(2.54)
.100
-1208/-1246
R.F.M.
(5.08)
.200
(13.21)
.520
(5.84)
.230
15 GOLD
(2.54)
.100
TIN
(1.27)
.050
CKTS
EDP NUMBER ENG NUMBER
EDP NUMBER
ENG NUMBER EDP NUMBER ENG NUMBER EDP NUMBER ENG NUMBER EDP NUMBER ENG NUMBER EDP NUMBER ENG NUMBER EDP NUMBER ENG NUMBER CKTS
4
A-70280-0949
4
6
A-70280-0950
6
8
A-70280-0951
8
10
70280-0952
A-70280-0952
10
12
A-70280-0953
12
14
A-70280-0954
14
16
A-70280-0955
16
18
A-70280-0956
18
20
A-70280-0957
20
22
A-70280-0958
22
24
A-70280-0959
70280-1218
A-70280-1218
24
26
A-70280-0960
70280-1141
A-70280-1141
26
28
A-70280-0961
28
30
A-70280-0962
30
32
A-70280-0963
70280-1183
A-70280-1183
32
34
A-70280-0964
34
36
A-70280-0965
36
38
A-70280-0966
38
40
A-70280-0967
40
42
A-70280-0968
42
44
A-70280-0969
44
46
A-70280-0970
46
48
A-70280-0971
48
50
A-70280-0972
50
52
A-70280-0973
52
54
A-70280-0974
54
56
A-70280-0975
56
58
A-70280-0976
58
60
A-70280-0977
60
62
A-70280-0978
62
64
A-70280-0979
64
66
A-70280-0980
66
68
A-70280-0981
68
70
A-70280-0982
70
72
A-70280-0983
72
74
A-70280-0984
74
76
A-70280-0985
76
78
A-70280-0986
78
80
A-70280-0987
80
1
A
1
A
2
B
2
B
3
C
3
C
4
D
4
D
5
E
5
E
6
F
6
F
7
G
7
G
8
H
8
H
9
9
10
10
11
11
12
12



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com