Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-70280-0201 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # AX-70280-0201
Description   SALES ASSY-HIGH TEMP. DUAL ROW WAFER W/BREAK- OFF OPT. .025 SQ PINS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

AX-70280-0201 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

  AX-70280-0201 Datasheet HTML 1Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 2Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 3Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 4Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 5Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 6Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 7Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 8Page - Molex Electronics Ltd. AX-70280-0201 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SALES ASSY-HIGH TEMP.
DUAL ROW WAFER W/BREAK- OFF OPT. .025 SQ
PINS
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE
DOC PART
REVISION
SDA-70280-0001-4000 PSD 001 H1
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE TABLE
GENERAL MARKET
7 OF 9
CURRENT REV DESC:
EC NO: 742602
DRWN:
SUAIFR
2023/02/28
CHK'D: SUAIFR
2023/03/16
APPR:
MRAMAKRISHNA
2023/03/20
INITIAL REVISION:
DRWN: SMR
04/19/1993
APPR:
SMR
04/19/1993
THIRD ANGLE PROJECTION
DRAWING
SERIES
C-SIZE
70280
DIMENSION UNITS
SCALE
MM/IN
1:1
GENERAL TOLERANCES
(UNLESS SPECIFIED)
MM
INCH
4 PLACES ±
±
3 PLACES ±
±
0.005
2 PLACES ±
0.13
±
0.01
1 PLACE
±
0.25
±
0 PLACES ±
±
ANGULAR TOL
±
0.5 °
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
FORMAT: Eng-lega-master-tb-prod-C
REVISION: D
DATE: 2018/01/18
DOCUMENT STATUS
P1
RELEASE DATE
2023/03/20
10:44:28
ENGINEERING
NUMBER
A-70280-
RELEASE
FOR
MANUFACTURE
E
REF.
J
REF.
C
±
(0.25)
.010
MATING END PLATING
P.C BOARD END PLATING
FOR PACKAGING
INFORMATION, SEE
NOTE 4, SHEET 1
(UNLESS OTHERWISE
SPECIFIED BELOW)
TYPE
D
MEAS.
TYPE
F
MEAS.
-0899/-0908
R.F.M.
(4.45)
.175
(12.83)
.505
(6.10)
.240
30 GOLD
(2.54)
.100
TIN
(1.27)
.050
-0909/-0918
R.F.M.
(4.70)
.185
(15.11)
.595
(8.13)
.320
TIN
(4.57)
.180
TIN
(1.27)
.050
-0919/-0928
R.F.M.
(4.70)
.185
(15.11)
.595
(8.13)
.320
15 GOLD
(4.57)
.180
TIN
(1.27)
.050
-0929/-0938
R.F.M.
(4.70)
.185
(15.11)
.595
(8.13)
.320
30 GOLD
(4.57)
.180
TIN
(1.27)
.050
-0939/-0948
R.F.M.
(5.08)
.200
(13.21)
.520
(5.84)
.230
TIN
(2.54)
.100
TIN
(1.27)
.050
CKTS EDP NUMBER
ENG NUMBER EDP NUMBER ENG NUMBER EDP NUMBER ENG NUMBER EDP NUMBER ENG NUMBER EDP NUMBER ENG NUMBER EDP NUMBER ENG NUMBER
EDP NUMBER
ENG NUMBER
CKTS
82
70280-0899
A-70280-0899
70280-0909
A-70280-0909
70280-0919
A-70280-0919
70280-0929
A-70280-0929
70280-0939
A-70280-0939
82
84
70280-0900
A-70280-0900
70280-0910
A-70280-0910
70280-0920
A-70280-0920
70280-0930
A-70280-0930
70280-0940
A-70280-0940
84
86
70280-0901
A-70280-0901
70280-0911
A-70280-0911
70280-0921
A-70280-0921
70280-0931
A-70280-0931
70280-0941
A-70280-0941
86
88
70280-0902
A-70280-0902
70280-0912
A-70280-0912
70280-0922
A-70280-0922
70280-0932
A-70280-0932
70280-0942
A-70280-0942
88
90
70280-0903
A-70280-0903
70280-0913
A-70280-0913
70280-0923
A-70280-0923
70280-0933
A-70280-0933
70280-0943
A-70280-0943
90
92
70280-0904
A-70280-0904
70280-0914
A-70280-0914
70280-0924
A-70280-0924
70280-0934
A-70280-0934
70280-0944
A-70280-0944
92
94
70280-0905
A-70280-0905
70280-0915
A-70280-0915
70280-0925
A-70280-0925
70280-0935
A-70280-0935
70280-0945
A-70280-0945
94
96
70280-0906
A-70280-0906
70280-0916
A-70280-0916
70280-0926
A-70280-0926
70280-0936
A-70280-0936
70280-0946
A-70280-0946
96
98
70280-0907
A-70280-0907
70280-0917
A-70280-0917
70280-0927
A-70280-0927
70280-0937
A-70280-0937
70280-0947
A-70280-0947
98
100
70280-0908
A-70280-0908
70280-0918
A-70280-0918
70280-0928
A-70280-0928
70280-0938
A-70280-0938
70280-0948
A-70280-0948
100
1
A
1
A
2
B
2
B
3
C
3
C
4
D
4
D
5
E
5
E
6
F
6
F
7
G
7
G
8
H
8
H
9
9
10
10
11
11
12
12



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com