Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85063AT Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF85063AT
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF85063AT Datasheet HTML 17Page - NXP Semiconductors PCF85063AT Datasheet HTML 18Page - NXP Semiconductors PCF85063AT Datasheet HTML 19Page - NXP Semiconductors PCF85063AT Datasheet HTML 20Page - NXP Semiconductors PCF85063AT Datasheet HTML 21Page - NXP Semiconductors PCF85063AT Datasheet HTML 22Page - NXP Semiconductors PCF85063AT Datasheet HTML 23Page - NXP Semiconductors PCF85063AT Datasheet HTML 24Page - NXP Semiconductors PCF85063AT Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Bit
Symbol
Value
Place value
Description
4
0 to 1
ten’s place
3 to 0
MONTHS
0 to 9
unit place
actual month coded in BCD format, see
Table 26
Table 25. Months - months register (address 09h) bit description...continued
Upper-digit (ten’s
place)
Digit (unit place)
Month
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
January[1]
0
0
0
0
1
February
0
0
0
1
0
March
0
0
0
1
1
April
0
0
1
0
0
May
0
0
1
0
1
June
0
0
1
1
0
July
0
0
1
1
1
August
0
1
0
0
0
September
0
1
0
0
1
October
1
0
0
0
0
November
1
0
0
0
1
December
1
0
0
1
0
Table 26. Month assignments in BCD format
[1]
Default value.
7.3.7 Register Years
Bit
Symbol
Value
Place value
Description
7 to 4
0[1] to 9
ten’s place
3 to 0
YEARS
0[1] to 9
unit place
actual year coded in BCD format
Table 27. Years - years register (0Ah) bit description
[1]
Default value.
7.4 Setting and reading the time
Figure 14 shows the data flow and data dependencies starting from the 1 Hz clock tick.
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
21 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com