Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85063AT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF85063AT
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF85063AT Datasheet HTML 1Page - NXP Semiconductors PCF85063AT Datasheet HTML 2Page - NXP Semiconductors PCF85063AT Datasheet HTML 3Page - NXP Semiconductors PCF85063AT Datasheet HTML 4Page - NXP Semiconductors PCF85063AT Datasheet HTML 5Page - NXP Semiconductors PCF85063AT Datasheet HTML 6Page - NXP Semiconductors PCF85063AT Datasheet HTML 7Page - NXP Semiconductors PCF85063AT Datasheet HTML 8Page - NXP Semiconductors PCF85063AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7.1 — 8 November 2023
Product data sheet
1 General description
The PCF85063A is a CMOS1 Real-Time Clock (RTC) and calendar optimized for low power consumption. An
offset register allows fine-tuning of the clock. All addresses and data are transferred serially via the two-line
bidirectional I2C-bus. Maximum data rate is 400 kbit/s. The register address is incremented automatically after
each written or read data byte.
For a selection of NXP Real-Time Clocks, see Table 44
2 Features and benefits
• Provides year, month, day, weekday, hours, minutes, and seconds based on a 32.768 kHz quartz crystal
• Clock operating voltage: 0.9 V to 5.5 V
• Low current; typical 0.22 μA at VDD = 3.3 V and Tamb = 25 °C
• 400 kHz two-line I2C-bus interface (at VDD = 1.8 V to 5.5 V)
• Programmable clock output for peripheral devices (32.768 kHz, 16.384 kHz, 8.192 kHz, 4.096 kHz, 2.048
kHz, 1.024 kHz, and 1 Hz)
• Selectable integrated oscillator load capacitors for CL = 7 pF or CL = 12.5 pF
• Alarm function
• Countdown timer
• Minute and half minute interrupt
• Oscillator stop detection function
• Internal Power-On Reset (POR)
• Programmable offset register for frequency adjustment
3 Applications
• Digital still camera
• Digital video camera
• Printers
• Copy machines
• Mobile equipment
• Battery powered devices
4 Ordering information
Package
Type number
Topside
marking
Name
Description
Version
PCF85063AT
85063A
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
Table 1. Ordering information
1
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 20.


Similar Part No. - PCF85063AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85063AT NXP-PCF85063AT Datasheet
715Kb / 65P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF85063ATA NXP-PCF85063ATA Datasheet
715Kb / 65P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF85063ATL NXP-PCF85063ATL Datasheet
544Kb / 54P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 2-15 April 2013
PCF85063ATL NXP-PCF85063ATL Datasheet
715Kb / 65P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF85063ATL1 NXP-PCF85063ATL1 Datasheet
715Kb / 65P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
More results

Similar Description - PCF85063AT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026_08 Datasheet
389Kb / 24P
Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
Real-Time Clock/Calendar with I2C Bus and EEPROM
August 13, 2008
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
Real Time Clock/Calendar with I2C Bus??and EEPROM
December 16, 2010
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
Real Time Clock/Calendar with I2C Bus??and EEPROM
November 30, 2010
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
Real Time Clock/Calendar with I2C Bus??and EEPROM
November 30, 2010
logo
NXP Semiconductors
PCF85063ATL NXP-PCF85063ATL Datasheet
544Kb / 54P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 2-15 April 2013
PCF85063BTL NXP-PCF85063BTL Datasheet
533Kb / 53P
Tiny Real-Time Clock/calendar with alarm function and SPI-bus
Rev. 2-15 April 2013
PCF85063A NXP-PCF85063A Datasheet
715Kb / 65P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCA85063A NXP-PCA85063A Datasheet
677Kb / 59P
Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
PCF85363A NXP-PCF85363A Datasheet
966Kb / 86P
Tiny Real-Time Clock/calendar with 64 byte RAM, alarm function, battery switch-over time stamp input, and I2C-bus
Rev. 3.1 ??18 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com