Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85063AT Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF85063AT
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF85063AT Datasheet HTML 9Page - NXP Semiconductors PCF85063AT Datasheet HTML 10Page - NXP Semiconductors PCF85063AT Datasheet HTML 11Page - NXP Semiconductors PCF85063AT Datasheet HTML 12Page - NXP Semiconductors PCF85063AT Datasheet HTML 13Page - NXP Semiconductors PCF85063AT Datasheet HTML 14Page - NXP Semiconductors PCF85063AT Datasheet HTML 15Page - NXP Semiconductors PCF85063AT Datasheet HTML 16Page - NXP Semiconductors PCF85063AT Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
– If TF is not cleared before the next coming interrupt, no INT is generated
– the countdown timer stops after the first countdown
7.2.2.4 COF[2:0]: Clock output frequency
A programmable square wave is available at pin CLKOUT. Operation is controlled by the COF[2:0] bits in the
register Control_2. Frequencies of 32.768 kHz (default) down to 1 Hz can be generated for use as a system
clock, microcontroller clock, input to a charge pump, or for calibration of the oscillator.
Pin CLKOUT is a push-pull output and enabled at power-on. CLKOUT can be disabled by setting COF[2:0] to
111 or by setting CLKOE LOW (PCF85063ATL only). When disabled, the CLKOUT is LOW. If CLKOE is HIGH
and COF[2:0]=111 there will be no clock and CLKOUT will be LOW.
The duty cycle of the selected clock is not controlled. However, due to the nature of the clock generation, all
clock frequencies except 32.768 kHz have a duty cycle of 50 : 50.
The STOP bit function can also affect the CLKOUT signal, depending on the selected frequency. When the
STOP bit is set logic 1, the CLKOUT pin generates a continuous LOW for those frequencies that can be
stopped. For more details of the STOP bit function, see Section 7.2.1.2.
COF[2:0]
CLKOUT frequency (Hz)
Typical duty cycle[1]
Effect of STOP bit
000[2]
32 768
60 : 40 to 40 : 60
no effect
001
16 384
50 : 50
no effect
010
8 192
50 : 50
no effect
011
4 096
50 : 50
CLKOUT = LOW
100
2 048
50 : 50
CLKOUT = LOW
101
1 024
50 : 50
CLKOUT = LOW
110
1[3]
50 : 50
CLKOUT = LOW
111
CLKOUT = LOW
-
-
Table 10. CLKOUT frequency selection
[1]
Duty cycle definition: % HIGH-level time : % LOW-level time.
[2]
Default values: The duty cycle of the CLKOUT when outputting 32,768 Hz could change from 60:40 to 40:60 depending on the detector since the 32,768
Hz is derived from the oscillator output which is not perfect. It could change from device to device and it depends on the silicon diffusion. There is nothing
that can be done from outside the chip to influence the duty cycle.
[3]
1 Hz clock pulses are affected by offset correction pulses.
7.2.3 Register Offset
The PCF85063A incorporates an offset register (address 02h) which can be used to implement several
functions, such as:
• Accuracy tuning
• Aging adjustment
• Temperature compensation
Bit
Symbol
Value
Description
offset mode
0[1]
normal mode: offset is made once every two hours
7
MODE
1
course mode: offset is made every 4 minutes
Table 11. Offset - offset register (address 02h) bit description
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
13 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com