Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85063AT Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF85063AT
Description  Tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85063AT Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF85063AT Datasheet HTML 19Page - NXP Semiconductors PCF85063AT Datasheet HTML 20Page - NXP Semiconductors PCF85063AT Datasheet HTML 21Page - NXP Semiconductors PCF85063AT Datasheet HTML 22Page - NXP Semiconductors PCF85063AT Datasheet HTML 23Page - NXP Semiconductors PCF85063AT Datasheet HTML 24Page - NXP Semiconductors PCF85063AT Datasheet HTML 25Page - NXP Semiconductors PCF85063AT Datasheet HTML 26Page - NXP Semiconductors PCF85063AT Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
NXP Semiconductors
PCF85063A
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
7. Read Hours
8. Read Days
9. Read Weekdays
10. Read Months
11. Read Years
12. Send a STOP condition
7.5 Alarm registers
7.5.1 Register Second_alarm
Bit
Symbol
Value
Place value
Description
second alarm
0
-
enabled
7
AEN_S
1[1]
-
disabled
6 to 4
0[1] to 5
ten’s place
3 to 0
SECOND_ALARM
0[1] to 9
unit place
second alarm information coded in BCD
format
Table 28. Second_alarm - second alarm register (address 0Bh) bit description
[1]
Default value.
7.5.2 Register Minute_alarm
Bit
Symbol
Value
Place value
Description
minute alarm
0
-
enabled
7
AEN_M
1[1]
-
disabled
6 to 4
0[1] to 5
ten’s place
3 to 0
MINUTE_ALARM
0[1] to 9
unit place
minute alarm information coded in BCD
format
Table 29. Minute_alarm - minute alarm register (address 0Ch) bit description
[1]
Default value.
7.5.3 Register Hour_alarm
Bit
Symbol
Value
Place value
Description
hour alarm
0
-
enabled
7
AEN_H
1[1]
-
disabled
6
-
0
-
unused
12-hour mode[2]
AM/PM indicator
0[1]
-
AM
5
AMPM
1
-
PM
Table 30. Hour_alarm - hour alarm register (address 0Dh) bit description
PCF85063A
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 7.1 — 8 November 2023
23 / 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com