Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ELD2 Datasheet(PDF) 2 Page - Leadshine Technology Co., Ltd.

Part # 2ELD2
Description  2ELD2 series DC Servo Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

2ELD2 Datasheet(HTML) 2 Page - Leadshine Technology Co., Ltd.

  2ELD2 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Datasheet of 2ELD2 Series Drive
www.leadshine.com
2
Matched Motors
Power Range
Up to 1.2kw
Voltage Range
24 - 70Vdc
Encoder Type
1000-Line, 2500 -Line, 17-Bit
Motor Size
40mm,42mm,57mm,60mm,80mm frame or other size
Other Requirements
Brake. oil-seal. protection level. Shaft & connector can be customized
Operating Environment
Servo Drive, Servo Motor Storage Circumstance Requirement
Item
2ELD2 series drive
Temperature
-20-65℃
Humility
Under 90%RH (free from condensation)
Atmospheric environment
Indoor(no exposure)no corrosive gas or flammable gas, no oil or dust
Altitude
Lower than 1000m
Protection level
IP20(no protection)
Servo Drive, Servo Motor Installation Circumstance Requirement
Item
2ELD2 series drive
Temperature
0-45℃
Humility
Under 90%RH(free from condensation)
Atmospheric environment
Indoor(no exposure)no corrosive gas or flammable gas, no oil or dust
Altitude
Lower than 1000m
Protection level
IP20(no protection)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com