Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ELD2 Datasheet(PDF) 1 Page - Leadshine Technology Co., Ltd.

Part # 2ELD2
Description  2ELD2 series DC Servo Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

2ELD2 Datasheet(HTML) 1 Page - Leadshine Technology Co., Ltd.

  2ELD2 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet of 2ELD2 Series Drive
www.leadshine.com
1
2ELD2 series DC Servo Drive
The 2ELD2 series is a new low voltage DC servo drive, dual axis, that one 2ELD2 drive can drive two DC servo motors at
the same time.
It is suitable for use in the compact scenarios, it reduces the installation volume by 30% compared to two single-axis drives.
Feature:
◆ Each axis power range up to 1.2kw
◆ Each axis current range up to 90Amp
◆ STO and Auxiliary input power
◆ Simple, flexible to control
◆ Modbus RTU/CANopen
◆ PR-Mode
◆ Notch filter, damping filter
◆ ABZ+hall uvw incremental encoder / 17bit and 23bit Serial signal encoder
Technical Specification
Power & Environment
Drive model
2ELD2-RS7020B
2ELD2-CAN7020B
2ELD2-RS7030B
2ELD2-CAN7030B
Size(mm)
194*103*41
Input main voltage(V)
DC24~70
Input auxiliary power(V)
DC24~70
Rated power(kw) / Axis
0.75
1.2
Rated output current(Arms) / Axis
20
30
Max output current(Apeak) / Axis
60
90
Main power
Voltage(V)
DC24V-70V
DC24V-70V
Current(A)
40Arms (≤48Vdc)
28Arms(>48Vdc)
60Arms(≤48Vdc)
42Arms (>48Vdc)
Control power
Voltage(V)
DC12-24
Current(mA)
≥12
Control method
IGBT PWM sinusoidal Wave Drive
Overload
300%
Regenerative resistor
External connection
Safe function
STO
Protection rank
IP20
Communication & Connection
Type
2ELD2-RS***
2ELD2-CAN***
Pulse input
2 fast pulse input, 5V only
——
Analog input
——
1 analog input: -10V to +10V
Digital input/output
4programmable OC inputs, 24V
2 programmable OC outputs, 24V
Communication interface
RS485
CAN
Feedback Supported
1000. 2500lines incremental TTL encoder and Serial signal encoder


Similar Part No. - 2ELD2

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
2EL2 POINN-2EL2 Datasheet
120Kb / 5P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
2EL3 POINN-2EL3 Datasheet
120Kb / 5P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
2EL4 POINN-2EL4 Datasheet
120Kb / 5P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - 2ELD2

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
CMMT-AS-C2-3A-EC-S1 FESTO-CMMT-AS-C2-3A-EC-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-3A-EP-S1 FESTO-CMMT-AS-C2-3A-EP-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-3A-PN-S1 FESTO-CMMT-AS-C2-3A-PN-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-11A-P3-PN-S1 FESTO-CMMT-AS-C2-11A-P3-PN-S1 Datasheet
85Kb / 4P
Servo drive
CMMT-AS-C7-11A-P3-PN-S1 FESTO-CMMT-AS-C7-11A-P3-PN-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-AS-C12-11A-P3-EP-S1 FESTO-CMMT-AS-C12-11A-P3-EP-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-ST-C8-1C-EC-S0 FESTO-CMMT-ST-C8-1C-EC-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-ST-C8-1C-EP-S0 FESTO-CMMT-ST-C8-1C-EP-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-ST-C8-1C-PN-S0 FESTO-CMMT-ST-C8-1C-PN-S0 Datasheet
80Kb / 3P
Servo drive
logo
Leadshine Technology Co...
ELD2 LEADSHINE-ELD2 Datasheet
718Kb / 7P
ELD2 series DC Servo Drive
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com