Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ELD2 Datasheet(PDF) 5 Page - Leadshine Technology Co., Ltd.

Part # 2ELD2
Description  2ELD2 series DC Servo Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

2ELD2 Datasheet(HTML) 5 Page - Leadshine Technology Co., Ltd.

  2ELD2 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Datasheet of 2ELD2 Series Drive
www.leadshine.com
5
Signal Explanation of Control Signal Port -I/O
I/O
Axis
Pin
Signal
IO
Detail
2ELD2-RS***
2ELD2-CAN***
I/O
Axis 1
1
DI1+
Input
Differential pulse input,
5V, 500KHz,
Default pulse
NA
2
DI1-
Input
3
DI2+
Input
Differential pulse input,
5V, 500KHz
Default
direction
Analog input: -10V to +10V
4
DI2-
Input
5
COM_IN
Input
Power supply positive terminal of the external input control
signal, 12V ~ 24V
6
DI3
Input
Digital input signal 3, default value is forward enable signal ,
low level available in default , max voltage is 24V input
20KHz
7
DI4
Input
Digital input signal 4, default value is alarm clear signal , low
level available in default , max voltage is 24V input 20KHz
8
DI5
Input
Digital input signal 5, default value is forward run prohibited
(POT)signal in position mode , low level available in default ,
max voltage is 24V input 20KHz
9
DI6
Input
Digital input signal 6, default value is reverse run prohibited
(NOT) signal in position mode , low level available in default ,
max voltage is 24V input 20KHz
10
DO1
Output
Digital output signal 1 ,
(ALARM),24V, 8mA
11
DO2
Output
Digital output signal 2 ,
(Servo-Ready),24V, 8mA
12
COM_OUT
Output
Digital output signal commonality ground, 24V
13
DO+
Output
Brake output, 24V/1A
14
DO-
Output
Axis 2
15
DI1+
Input
Differential pulse input,
5V, 500KHz,
Default pulse
NA
16
DI1-
Input
17
DI2+
Input
Differential pulse input,
5V, 500KHz
Default
direction
Analog input: -10V to +10V
18
DI2-
Input
19
COM_IN
Input
Power supply positive terminal of the external input control
signal, 12V ~ 24V
20
DI3
Input
Digital input signal 3, default value is forward enable signal ,
low level available in default , max voltage is 24V input
20KHz
21
DI4
Input
Digital input signal 4, default value is alarm clear signal , low
level available in default , max voltage is 24V input 20KHz
22
DI5
Input
Digital input signal 5, default value is forward run prohibited
(POT)signal in position mode , low level available in default ,
max voltage is 24V input 20KHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com