Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ELD2 Datasheet(PDF) 6 Page - Leadshine Technology Co., Ltd.

Part # 2ELD2
Description  2ELD2 series DC Servo Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

2ELD2 Datasheet(HTML) 6 Page - Leadshine Technology Co., Ltd.

  2ELD2 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. 2ELD2 Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Datasheet of 2ELD2 Series Drive
www.leadshine.com
6
23
DI6
Input
Digital input signal 6, default value is reverse run prohibited
(NOT) signal in position mode , low level available in default ,
max voltage is 24V input 20KHz
24
DO1
Output
Digital output signal 1 ,
(ALARM),24V, 8mA
25
DO2
Output
Digital output signal 2 ,
(Servo-Ready),24V, 8mA
26
COM_OUT
Output
Digital output signal commonality ground, 24V
27
DO+
Output
Brake output, 24V/1A
28
DO-
Output
RS232 Communication port- Axis 1 or Axis 2
RS232
Pin
Detail
RS232
1
5V
2
TX
3
GND
4
RX
Bus connector- IN or OUT
BUS
Pin
Modbus(RS485)
CANopen
Modbus(RS485)
/
CANopen
1
485data+
CANH
3
485 data-
CANL
5
GND
GND
other
NC
NC
STO connector
STO
Pin
Detail
STO
1
GND
2
5V
3
STO 1-
4
STO 1+
5
STO 2-
6
STO 2+
7
EDM-
8
EDM+
Auxiliary power
Auxiliary power
Pin
Detail
Auxiliary power
1
VCC+
2
GND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com