Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS Datasheet(PDF) 2 Page - Leadshine Technology Co., Ltd.

Part # ICS
Description  iCS Series Integrated Stepper Motor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ICS Datasheet(HTML) 2 Page - Leadshine Technology Co., Ltd.

  ICS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 5Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 6Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Datasheet of iCS Series Integrated Stepper Motor
www.leadshine.com
2
Model Designation
Technical Specification
Model
Frame Size
Length
(mm)
Holding
Torque
(N.m)
Weight
(Kg)
Command Source Electrical Parameters
Control Signal
PUL&
DIR
CW&CCW
Power
Voltage
(VDC)
Peak
Current (A)
Logical
Current
Logical
Voltage
Max Input
Frequency
MIN
PUL
Width
MIN
DIR
Setup
iCS-1703
NEMA17
64
0.3
0.5
√
x
20-36
0.3 - 3.0
7-16mA
5V
200KHz
2.5μs 5.0μs
iCS-1706
72
0.4
0.9
√
x
20-36
0.3 - 3.0
iCS-1708
85
0.8
1.1
√
x
20-36
0.3 - 3.0
iCS-2313
NEMA23
75
1.3
1.0
√
√
20-50
0.5 - 4.5
iCS-2323
96
1.9
1.3
√
√
20-50
0.5 - 7.0
iCS-2321-L
89
2.1
1.4
√
√
20-50
0.5 - 7.0
iCS-2331-L
109
3.1
1.6
√
√
20-50
0.5 - 7.0
iCS-2430
NEMA24
109
3.0
1.6
√
√
20-50
0.5 - 7.0
iCS-2435
122
3.5
1.9
√
√
20-50
0.5 - 7.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com