Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS Datasheet(PDF) 3 Page - Leadshine Technology Co., Ltd.

Part # ICS
Description  iCS Series Integrated Stepper Motor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ICS Datasheet(HTML) 3 Page - Leadshine Technology Co., Ltd.

  ICS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 5Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 6Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Datasheet of iCS Series Integrated Stepper Motor
www.leadshine.com
3
Dimension
(Unit: mm [1inch=25.4mm])
Note: ① Frame size is 60mm, center diameter is 36mm.
② Frame size is 60mm, center diameter is 36mm,
shaft diameter is 10mm
Models
L1 length
L length
iCS-1703
43
64
iCS-1706
51
72
iCS-1708
64
85
Models
L1 length
L length
iCS-2313
54
75
iCS-2323
75
96
iCS-2321-L
68
89
iCS-2331-L
88
109
iCS-2430
①
88
109
iCS-2435
②
101
122
L±0.5
L1±0.5
24±0.5
15
2
P-P
42.3
31±0.2
4-M3
Deep 4.5
φ5
0 -
0.01
2
L±0.5
15±0.2
1.6
5
57.2 MAX
47.14±0.2
4-φ5
+0.3
0
φ8
0
-0.012
P-P
P-P
2:1
21±1
L1±0.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com