Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS Datasheet(PDF) 4 Page - Leadshine Technology Co., Ltd.

Part # ICS
Description  iCS Series Integrated Stepper Motor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ICS Datasheet(HTML) 4 Page - Leadshine Technology Co., Ltd.

  ICS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 5Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 6Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Datasheet of iCS Series Integrated Stepper Motor
www.leadshine.com
4
Connector and Pin Assignment
P1: Power & Control &
Outputs connector
Status LEDs
S1: DIP Switch Selector 2
P2: Tuning Port
Pin Assignments of P1
PIN
I/O
Details
VCC
I
Power supply positive connection.
iCS-17xx:20-36VDC
iCS-23xx and iCS-24xx: 20-50 VDC
GND
I
Power supply ground connection.
ALM-
O
Alarm: An OC output signal. It takes a sinking or sourcing at 5-24V@30mA
ALM+
O
ENA-
I
Enable Signals: Optional, not connected by default.
(1) Effective high level is 4.5-5V; Effective low level is 0-0.5V connection
(2) ENA signal requires advance DIR signal minimum 200ms in single pulse mode
ENA+
I
DIR-
I
Pulse and Direction Connection:
(1) Optically isolated, high level 4.5-5V, low voltage 0-0.5V.
(2) Max 200 KHz input frequency.
(3) The width of PUL signal is at least 2.5μs, duty cycle is recommended 50%.
(4) Single pulse (step & direction), iCS-23xx and iCS-24xx support double pulse
(CW&CCW), while iCS-17xx do not support.
(5) DIR signal requires advance PUL signal minimum 5 μs.
DIR+
I
PUL-
I
PUL+
I
Notes:
(1) Shielding control signal wires is suggested;
(2) To avoid/reduce interference, do not tie control signal cables and power wires together.
Tuning Port P2
The P2 connector is a RS232 communication port for Leadshine software connection. It is just used to modify
parameter, not for equipment control because neither precision nor stability is sufficient. If you need a
Modbus-RS485 control, use a Leadshine iEM-RS series integrated stepper motor.The interface definition is as
follows:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com