Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS Datasheet(PDF) 7 Page - Leadshine Technology Co., Ltd.

Part # ICS
Description  iCS Series Integrated Stepper Motor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

ICS Datasheet(HTML) 7 Page - Leadshine Technology Co., Ltd.

  ICS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 5Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 6Page - Leadshine Technology Co., Ltd. ICS Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Datasheet of iCS Series Integrated Stepper Motor
www.leadshine.com
7
Controller
PUL+
1
DIR+
3
PUL-
DIR-
2
4
VCC = 5V, R=0Ω
VCC = 12V, R=1KΩ
VCC=24V, R=2KΩ
Step
Direction
VCC
VCC
Drive
Drive
PUL+
1
DIR+
3
PUL-
DIR-
2
4
Step
Direction
Controller
VCC
Connections to PNP signals
(common-cathode)
Connections to NPN Signals
(common-anode)
R
R
R
R
VCC = 5V, R=0Ω
VCC = 12V, R=1KΩ
VCC=24V, R=2KΩ
Controller
PUL+
1
DIR+
3
PUL-
DIR-
2
4
Step
Direction
Drive
Connections to Differential signals



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com