Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR3060PT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PBYR3060PT
Description  Rectifier diodes schottky barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYR3060PT Datasheet(HTML) 4 Page - NXP Semiconductors

  PBYR3060PT Datasheet HTML 1Page - NXP Semiconductors PBYR3060PT Datasheet HTML 2Page - NXP Semiconductors PBYR3060PT Datasheet HTML 3Page - NXP Semiconductors PBYR3060PT Datasheet HTML 4Page - NXP Semiconductors PBYR3060PT Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors
Product Specification
Rectifier Diode
PBYR30100PT series
Schottky Barrier
MECHANICAL DATA
Dimensions in mm
Net Mass: 5 g
Fig.7. SOT93; pin 2 connected to mounting base.
Notes
1. Accessories supplied on request: refer to mounting instructions for SOT93 envelope.
2. Epoxy meets UL94 V0 at 1/8".
2 max
12.7
max
2
4.6
max
21
max
0.4
1.6
0.5
min
13.6
min
4.4
5.5
1.15
0.95
11
0.5 M
2.2 max
dimensions within
this zone are
uncontrolled
1
2
3
4.25
4.15
13.6
14
15.2
max
October 1994
4
Rev 1.100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com