Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR3060PT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBYR3060PT
Description  Rectifier diodes schottky barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYR3060PT Datasheet(HTML) 3 Page - NXP Semiconductors

  PBYR3060PT Datasheet HTML 1Page - NXP Semiconductors PBYR3060PT Datasheet HTML 2Page - NXP Semiconductors PBYR3060PT Datasheet HTML 3Page - NXP Semiconductors PBYR3060PT Datasheet HTML 4Page - NXP Semiconductors PBYR3060PT Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYR30100PT series
schottky barrier
Fig.1. Maximum forward dissipation P
F = f(IF(AV)) per
diode; square current waveform where
I
F(AV) =IF(RMS) x √D.
Fig.2. Maximum forward dissipation P
F = f(IF(AV)) per
diode; sinusoidal current waveform where a = form
factor = I
F(RMS) / IF(AV).
Fig.3. Typical and maximum forward characteristic
per diode; I
F = f(VF); parameter Tj
Fig.4. Typical reverse leakage current per diode;
I
R = f(VR); parameter Tj
Fig.5. Typical junction capacitance per diode;
C
d = f(VR); f = 1 MHz; Tj = 25˚C to 125 ˚C.
Fig.6. Transient thermal impedance per diode;
Z
th j-mb = f(tp).
0
20
PBYR30100PT
IF(AV) / A
PF / W
20
15
10
5
0
Vo = 0.550 V
Rs = 0.010 Ohms
Tmb(max) / C
150
143
136
129
122
10
26
D = 1.0
0.5
0.2
0.1
D =
tp
tp
T
T
I
t
10
30
50
70
90
100
10
1
0.1
0.01
IR/ mA
VR/ V
PBYR30100PT
20
40
60
80
100
Tj/ C = 150
125
100
75
50
0
10
PBYR30100
IF(AV) / A
PF / W
15
10
5
0
a = 1.57
1.9
2.2
2.8
4
Vo = 0.550 V
Rs = 0.010 Ohms
5
15
150
143
136
129
Tmb(max) / C
1
10
100
10000
1000
100
10
Cd/ pF
VR/ V
PBYR30100PT
0
1
2
PBYR30100PT
VF / V
IF / A
100
80
60
40
20
0
0.5
1.5
Tj = 25 C
Tj = 125 C
Typ
Max
10
1
0.1
0.01
10us
1ms
0.1s
10s
tp / s
Zth j-mb (K/W)
P
tp
t
D
October 1994
3
Rev 1.100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com