Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR3060PT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBYR3060PT
Description  Rectifier diodes schottky barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYR3060PT Datasheet(HTML) 2 Page - NXP Semiconductors

  PBYR3060PT Datasheet HTML 1Page - NXP Semiconductors PBYR3060PT Datasheet HTML 2Page - NXP Semiconductors PBYR3060PT Datasheet HTML 3Page - NXP Semiconductors PBYR3060PT Datasheet HTML 4Page - NXP Semiconductors PBYR3060PT Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors
Product Specification
Rectifier Diode
PBYR30100PT series
Schottky Barrier
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction to
per diode
-
-
1.4
K/W
mounting base
both diodes
-
-
1.0
K/W
R
th j-a
Thermal resistance junction to
in free air.
-
45
-
K/W
ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
F
Forward voltage (per diode)
I
F = 15 A; Tj = 125˚C
-
0.61
0.70
V
I
F = 30 A; Tj = 125˚C
-
0.74
0.85
V
I
F = 15 A; Tj = 25˚C
-
0.77
0.85
V
I
R
Reverse current (per diode)
V
R = VRWM; Tj = 25 ˚C
-
5.0
150
µA
V
R = VRWM; Tj = 125 ˚C
-
5.0
15
mA
C
d
Junction capacitance (per
f = 1MHz; V
R = 5V; Tj = 25 ˚C to
-
600
-
pF
diode)
125 ˚C
October 1994
2
Rev 1.100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com