Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBYR3060PT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PBYR3060PT
Description  Rectifier diodes schottky barrier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBYR3060PT Datasheet(HTML) 1 Page - NXP Semiconductors

  PBYR3060PT Datasheet HTML 1Page - NXP Semiconductors PBYR3060PT Datasheet HTML 2Page - NXP Semiconductors PBYR3060PT Datasheet HTML 3Page - NXP Semiconductors PBYR3060PT Datasheet HTML 4Page - NXP Semiconductors PBYR3060PT Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
PBYR30100PT series
schottky barrier
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Dual, low leakage, platinum barrier
SYMBOL
PARAMETER
MAX.
MAX.
MAX.
UNIT
schottky rectifier diodes in a plastic
envelope
featuring
low
forward
PBYR30-
60PT
80PT
100PT
voltage drop and absence of stored
V
RRM
Repetitive peak reverse
60
80
100
V
charge. These devices can withstand
voltage
reverse voltage transients and have
V
F
Forward voltage
0.7
0.7
0.7
V
guaranteed reverse surge capability.
I
O(AV)
Output current (both
30
30
30
A
The devices are intended for use in
diodes conducting)
switched mode power supplies and
high frequency circuits in general
where low conduction and zero
switching losses are important.
PINNING - SOT93
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
Anode 1 (a)
2
Cathode (k)
3
Anode 2 (a)
tab
Cathode (k)
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-60
-80
-100
V
RRM
Repetitive peak reverse voltage
-
60
80
100
V
V
RWM
Crest working reverse voltage
-
60
80
100
V
V
R
Continuous reverse voltage
T
mb ≤ 139 ˚C
-
60
80
100
V
I
O(AV)
Output current (both diodes
square wave;
δ = 0.5;
-
30
A
conducting)
1
T
mb ≤ 124 ˚C
I
O(RMS)
RMS forward current
-
43
A
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
30
A
per diode
T
mb ≤ 124 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
180
A
current per diode.
t = 8.3 ms
-
200
A
sinusoidal; T
j = 125 ˚C prior
to surge; with reapplied
V
RWM(max)
I
2t
I
2t for fusing
t = 10 ms
-
162
A
2s
I
RRM
Repetitive peak reverse current t
p = 2 µs; δ = 0.001
-
1
A
per diode.
I
RSM
Non-repetitive peak reverse
t
p = 100 µs
-
1
A
current per diode.
T
stg
Storage temperature
-65
175
˚C
T
j
Operating junction temperature
-
150
˚C
1
2
3
tab
k
a1
a2
1 For output currents in excess of 20 A connection should be made to the exposed metal mounting base.
October 1994
1
Rev 1.100


Similar Part No. - PBYR3060PT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBYR3060WT PHILIPS-PBYR3060WT Datasheet
46Kb / 5P
Rectifier diodes Schottky barrier
November 1998 Rev 1.300
More results

Similar Description - PBYR3060PT

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Semikron International
SB1520TL SEMIKRON-SB1520TL Datasheet
188Kb / 3P
Schottky barrier rectifier diodes
logo
Unisonic Technologies
MBR1060C UTC-MBR1060C_08 Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Diotec Semiconductor
SB520 DIOTEC-SB520_13 Datasheet
93Kb / 2P
Schottky Barrier Rectifier Diodes
SB1230 DIOTEC-SB1230 Datasheet
158Kb / 2P
Schottky Barrier Rectifier Diodes
SBX2020 DIOTEC-SBX2020_18 Datasheet
149Kb / 2P
Schottky Barrier Rectifier Diodes
SB1520 DIOTEC-SB1520_18 Datasheet
221Kb / 2P
Schottky Barrier Rectifier Diodes
logo
SUNMATE electronic Co.,...
MBRD340 SUNMATE-MBRD340 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
MBRD1040 SUNMATE-MBRD1040 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com