Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-DC50 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-DC50
Description  Digital Multimeter PCE-DC 50
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DC50 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-DC50 Datasheet HTML 1Page - PCE Instruments. PCE-DC50 Datasheet HTML 2Page - PCE Instruments. PCE-DC50 Datasheet HTML 3Page - PCE Instruments. PCE-DC50 Datasheet HTML 4Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Current measurement DC A
 
 
Measuring range
Resolutio
n
Accuracy (by Mw.)
500 μA
0.01 μA ± (1% + 6 digits)
5000 μA
0.1 μA
± (1% + 6 digits)
50 A
0.01A
± (2.5% + 5 digits)
1000 A
0.1 A
± (2.5% + 30 digits)
 
 
 
Current measurement AC A
 
 
Measuring range
Resolutio
n
Accuracy (by Mw.)
500 μA
0.01 μA ± (1.5% + 30 digits)
5000 μA
0.1 μA
± (1.5% + 30 digits)
50 A
0.01A
± (2.5% + 30 digits)
1000 A
0.1 A
± (2.8% + 30 digits)
 
 
 
Note: For AC A measurements, the specification of accuracy refers to the range of
5% to 100% of the measuring range
 
 
 
Resistivity
 
 
Measuring range
Resolutio
n 
Accuracy (by Mw.)
500 Ω
0.01
± (1% + 9 digits)
5 kΩ
0.0001
± (1% + 5 digits)
50 kΩ
0.001
± (1% + 5 digits)
500 kΩ
0.01
± (1% + 5 digits)
5 MΩ
0.0001
± (3% + 10 digits)
50 MΩ
0.001
± (3.5% + 10 digits)
 
 
 
Voltage measurement DC V
 
 
Measuring range
Resolutio
n
Accuracy (by Mw.)
500 mV
0.01 mV ± (0.1% + 8 digits)
5V
0.0001V ± (0.1% + 4 digits)
50V
0.001 V
± (0.1% + 4 digits)
500V
0.01V
± (0.1% + 4 digits)
600V
0.1V
± (0.5% + 4 digits)
 
 
 
Voltage measurement AC V (50 Hz
... 1000 Hz)
 
 
measuring range
Resolutio
n
Accuracy (by Mw.)
500 mV
0.01 mV ± (0.8% + 9 digits) (at 50 Hz / 60
Hz)
5V
0.0001V ± (1% + 30 digits)
50V
0.001 V
± (1% + 30 digits)
500V
0.01V
± (1% + 30 digits)
 
 
 
More information
More product info
Similar products



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com