Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-DC50 Datasheet(PDF) 4 Page - PCE Instruments.

Part # PCE-DC50
Description  Digital Multimeter PCE-DC 50
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DC50 Datasheet(HTML) 4 Page - PCE Instruments.

  PCE-DC50 Datasheet HTML 1Page - PCE Instruments. PCE-DC50 Datasheet HTML 2Page - PCE Instruments. PCE-DC50 Datasheet HTML 3Page - PCE Instruments. PCE-DC50 Datasheet HTML 4Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
 
Operating conditions
5°C ... 40°C / 41 ... 104°F, max. 80% RH at
31°C
Storage conditions
-20°C ... 60°C / -4 ... 140°F, max. 80% rh
Power supply
9V block battery
Automatic shutdown
After about 30 minutes
Dimensions (W x H x D)
230 x 76 x 40 mm / 9 x 3 x 1.6 in 
Weight
315 g / < 1 lb
Security
IEC 1010-1 (2001):
EN 61010-1 (2001)
CAT III 600V
CAT II 1000V Degree of
pollution 2
 
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com